Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E8144-B01021-L Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # E8144-B01021-L
Description  Pulse Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

E8144-B01021-L Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  E8144-B01021-L Datasheet HTML 1Page - Pulse A Technitrol Company E8144-B01021-L Datasheet HTML 2Page - Pulse A Technitrol Company E8144-B01021-L Datasheet HTML 3Page - Pulse A Technitrol Company E8144-B01021-L Datasheet HTML 4Page - Pulse A Technitrol Company E8144-B01021-L Datasheet HTML 5Page - Pulse A Technitrol Company E8144-B01021-L Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
G003.U (2/07)
www.pulseeng.com
43
CONNECTOR PRODUCTS
RJ Connectors, Single Port, Top Entry, Shielded
Part Number
E5288-320045-L
E5288-320B42-L
E5288-RA0C04-L
Number of Positions
8
8
8
Number of Contacts
8
8
8
Package
THT
THT
THT
Shield EMI Tabs
YES
YES
NO
LED Option
No LEDs
No LEDs
Yellow & Green
Contact Mating
Gold 50 µ"
Gold 6 µ"
Gold 30 µ"
Area Plating
Solder Temperature
230°C to 240°C
255°C to 265°C
230°C to 240°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
RJ Connectors, Multiport, Top Entry
Part Number
E5288-30C142-L
E5288-32C142-L
E5288-30E145-L
E5288-32G142-L
E5288-YCCB02-L
Number of Positions
8
8
8
8
8
Number of Contacts
8
8
8
8
8
Number of Ports
1X4
1X4
1X6
1X8
2X4
Package
THT
THT
THT
THT
THT
Shield Option
No Shield
Nickel Shield
No Shield
Nickel Shield
Nickel Shield
Contact Mating
Gold 6 µ"
Gold 6 µ"
Gold 50 µ"
Gold 6 µ"
Gold 6 µ"
Area Plating
Solder Temperature
230°C to 240°C
230°C to 240°C
230°C to 240°C
230°C to 240°C
230°C to 240°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
RJ Connectors, Single Port, Side Entry, Surface Mount (SMT)
Part Number
E5344-HH05Y2-L
E5366-FH05Y2-L
E5388-EH05Y2-L
E5388-UH05V5-L
Number of Positions
4
6
8
8
Number of Contacts
4
6
8
8
Tab
Down
Down
Down
Down
Shield Option
No Shield
No Shield
No Shield
Nickel Shield
Contact Mating
Gold 6 µ"
Gold 6 µ"
Gold 6 µ"
Gold 50 µ"
Area Plating
Solder Temperature
255°C to 265°C
255°C to 265°C
255°C to 265°C
255°C to 265°C
5-10 Seconds
5-10 Second
5-10 Seconds
5-10 Seconds
SMT - Surface Mount Package
THT - Through Hole Package
Connector Products


Similar Part No. - E8144-B01021-L

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E8144-B02022-L PULSE-E8144-B02022-L Datasheet
111Kb / 1P
   4-POSITION DIP TYPE
More results

Similar Description - E8144-B01021-L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
G513 ETC1-G513 Datasheet
82Kb / 1P
   PULSE TRANSFORMER
logo
Bothhand USA, LP.
S6025L BOTHHAND-S6025L Datasheet
269Kb / 1P
   PULSE TRANSFORMER
logo
MPS Industries, Inc.
R12703 MPSIND-R12703 Datasheet
258Kb / 1P
   PULSE TRANSFORMER
logo
SCHOTT CORPORATION
67128990 SCHOTT-67128990 Datasheet
14Kb / 1P
   PULSE TRANSFORMER
logo
Copal Electronics
MRP COPAL-MRP Datasheet
442Kb / 3P
   Pulse Switches
logo
PCA ELECTRONICS INC.
EP16293X PCA-EP16293X Datasheet
15Kb / 1P
   Pulse Transformer
logo
Rhombus Industries Inc.
T-942 RHOMBUS-IND-T-942 Datasheet
25Kb / 1P
   Pulse Transformer
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
Festo Corporation.
4025 FESTO-4025 Datasheet
78Kb / 1P
   Pulse generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com