Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R380.500.109 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # R380.500.109
Description  ANTENNAS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

R380.500.109 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  R380.500.109 Datasheet HTML 1Page - Pulse A Technitrol Company R380.500.109 Datasheet HTML 2Page - Pulse A Technitrol Company R380.500.109 Datasheet HTML 3Page - Pulse A Technitrol Company R380.500.109 Datasheet HTML 4Page - Pulse A Technitrol Company R380.500.109 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
24
www.pulseeng.com
G003.U (2/07)
The Larsen antenna product line offers the highest quality, most reliable antennas in the automotive industry. The Larsen antennas
combine premium materials with high efficiency designs, which deliver antennas with superior mechanical durability and electrical
performance. UV, chemical and impact resistant Makroblend ® bases help ensure the highest performance for all your mobile
applications. “Traditional-style” mobile antennas are available from 27 MHz to 5.9 GHz, as well as many “multi-band” designs. Whether
you need communication interoperability, radio communication, data transmission, increased cellular/PCS coverage or GPS tracking,
Larsen antennas are the solution.
Larsen antennas consist of over 1000 different automotive antenna options. Please contact the factory for more information or to order
an all-inclusive catalog at
info@larsen.pulseeng.com or call 800-268-3662.
LARSEN
® ANTENNAS
AUTOMOTIVE
Single-Band 1
Multi-Band 1
NMOWB150C
135-174
2
NMO Wide Band 4
51.75 / 1314
⎯⎯
NMO450C
450-750
5.6
NMO UHF Field Tunable 4
33 / 838
⎯⎯
LP800NMO
806-960
2
NMO Low Profile 4
1.25 / 32
⎯⎯
NMOQW900
890-970
2
NMO 1/4 Wave 4
3/76
⎯⎯
GPSGM
1575.4
5 dBic
GPS Glass Mount
1.7 / 43
RG-174
NMO5E2400B
2400-2500
5
NMO Whip 4
8.54 / 217
⎯⎯
1. Antennas available in multiple frequencies and mounting options.
3. Variety of connectors available. Order separately.
2. Variety of coax available. Order separately.
4. All NMO antennas require an NMO mount for installation.
1. Antennas available in multiple frequencies and mounting options.
3. Variety of connectors available. Order separately.
2. Variety of coax available. Order separately.
4. All NMO antennas require an NMO mount for installation.
Part
Frequency
Gain
Description
Length
Coax 2
Connector 3
Number
(MHz)
(dBi)
(in / mm)
Part
Frequency
Gain
Description
Length
Coax 2
Connector 3
Number
(MHz)
(dBi)
(in / mm)
NMO150/450/800
150-165 / 450-470 / 806-940
-7 / 0 / 1
NMO Tri Band 4
16.5 / 419
⎯⎯
KGC/P3EUD
824-896 / 1850-1990
5.2 / 5.2
Glass Mount Dual Band
13 330
RG-58U Dual Shield
No Conn
LPT825/18NMOHF
806-960 / 1710-1990 / 2400
3 / 4 / 3
Low Profile Transit 4
3.5 / 89
⎯⎯
MMC/P3EFME
824-960 / 1850-1990
4 / 4
Dual Band Magnetic Mount
5 / 127
RG-58 Low Loss Dual Shield
FME
NMOC/P3E
824-960 / 1850-1990
4 / 4
Dual Band NMO Mount 4
4.7 / 119
⎯⎯
GPSCPOO
824-960 / 1710-1990 / 1575.42
2 / 2 / 4.5dBic
Direct Feed GPS Tri Band
7.6 / 193
RG-174
TNC/SMA
GPSCWCPOO
824-960 / 1710-1990 / 1575.42
2 / 1.5 / 4.5dBic
Roof Mount GPS Tri Band
3.9 / 99
RG-174
TNC/SMA
Automotive
Single-Band
Solutions
Automotive
Multi-Band
Solutions
LARSEN
®
Antennas


Similar Part No. - R380.500.109

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
R380.500.125 PULSE-R380.500.125 Datasheet
779Kb / 5P
   Portable Radio Antennas
More results

Similar Description - R380.500.109

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
logo
Laird Tech Smart Techno...
RD2458-5 LSTD-RD2458-5 Datasheet
449Kb / 2P
   Amplified antennas
logo
Microsemi Corporation
MDT5864 MICROSEMI-MDT5864 Datasheet
167Kb / 2P
   HORN ANTENNAS
logo
Pulse A Technitrol Comp...
LORA-K PULSE-LORA-K Datasheet
423Kb / 4P
   LORA Antennas
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
logo
Molex Electronics Ltd.
987651-5071 MOLEX-987651-5071 Datasheet
1Mb / 2P
   GNSS Antennas
2020.02
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
   IoT Antennas
ISM-K PULSE-ISM-K Datasheet
394Kb / 4P
   ISM Antennas
logo
Molex Electronics Ltd.
987651-3851 MOLEX-987651-3851 Datasheet
403Kb / 2P
   Combo Antennas
2020.09
logo
Laird Tech Smart Techno...
YS2203 LSTD-YS2203 Datasheet
494Kb / 1P
   DIRECTIONAL YAGI ANTENNAS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com