Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-68030 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-68030
Description  LAN DISCRETE TRANSFORMER MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68030 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-68030 Datasheet HTML 1Page - Pulse A Technitrol Company PE-68030 Datasheet HTML 2Page - Pulse A Technitrol Company PE-68030 Datasheet HTML 3Page - Pulse A Technitrol Company PE-68030 Datasheet HTML 4Page - Pulse A Technitrol Company PE-68030 Datasheet HTML 5Page - Pulse A Technitrol Company PE-68030 Datasheet HTML 6Page - Pulse A Technitrol Company PE-68030 Datasheet HTML 7Page - Pulse A Technitrol Company PE-68030 Datasheet HTML 8Page - Pulse A Technitrol Company PE-68030 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Pulse Discrete Transformer Modules
Pulse offers the most comprehensive line of discrete LAN transformer modules available to the OEM worldwide. Modules for
10/100/1000BASE-T are optimized for all major LAN transceivers. All modules provide electrical circuit isolation that meets IEEE 802.3,
while maintaining signal integrity needed for the most demanding applications.
Pulse manufactures the broadest selection of packaging options, from through hole (THT) SIL devices to the smallest available surface
mount (SMT) solution at .078" (1.98 mm). For RoHS compliant products, please refer to individual data sheets for details.
NOTE: This catalog section serves as an overview to the LAN discrete modules. For detailed data sheets and a complete list of LAN
discrete modules, please go to the Pulse website home page and click the link on the left that says “DATA SHEETS.”
For the reader’s convenience and to locate multiple platforms easily, view the IC Cross References that start on page 29.
DISCRETE SMT TRANSFORMER MODULES
Number of Ports
Single
Dual
Quad
Data Rate
10Base-T
10/100TX
Gigabit
10/100TX
Gigabit
10Base-T
10/100TX
LAN DISCRETE TRANSFORMER MODULES
G003.U (2/07)
www.pulseeng.com
27
LAN Discrete Transformer Modules
E103 (low profile)
H303 (1:1 TR)
HC500 (1:1 TR)
H322 (1:1 TR)
HC500 (1:1 TR)
EC101 (var. TR)
H313 (1.41:1 TR)
E112 (ext. temp.)
H304 (low profile)
H504 (low profile)
H327 (PoE)
H601 (PoE)
H316 (1:1 TR)
E115 (1:1 TR)
H314 (var. TR)
H544 (1:1 TR)
H600 (1:1 TR)
H551 (quad / dual)
H321 (2:1 TR)
Data Sheet
EC100 (SMT, THT)
H315 (2:1 TR)
H546 (small footprint)
H327 (PoE)
Number
H325 (var. TR)
H601 (PoE)
H328 (1:1 TR)
H326 (var. TR)
H551 (quad / dual)
H600 (1:1 TR)
H327 (PoE)
H328 (1:1 TR)
H342 (1:1 TR)
H600 (1:1 TR)
For common mode chokes, see data sheet number G002 at http://www.pulseeng.com/products/datasheets/G002.pdf.


Similar Part No. - PE-68030

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68032 PULSE-PE-68032 Datasheet
149Kb / 4P
   Designed to exceed IEEE802.3i-1993
PE-68034 PULSE-PE-68034 Datasheet
149Kb / 4P
   Designed to exceed IEEE802.3i-1993
PE-68035 PULSE-PE-68035 Datasheet
149Kb / 4P
   Designed to exceed IEEE802.3i-1993
PE-68036 PULSE-PE-68036 Datasheet
149Kb / 4P
   Designed to exceed IEEE802.3i-1993
More results

Similar Description - PE-68030

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1251 PULSE-H1251 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Axiomtek Co., Ltd.
AX93306 AXIOMTEK-AX93306 Datasheet
268Kb / 1P
   LAN Modules
logo
Bourns Electronic Solut...
PT61020EL BOURNS-PT61020EL Datasheet
143Kb / 1P
   LAN 10/100/1000 Base-T Transformer Modules
PT61022EL BOURNS-PT61022EL Datasheet
140Kb / 1P
   LAN 10/100/1000 Base-T Transformer Modules
logo
Wurth Elektronik GmbH &...
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
   LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
   LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
   LAN-Transformer WE-LAN
749010012 WURTH-749010012 Datasheet
169Kb / 3P
   LAN-Transformer WE-LAN
749020111A WURTH-749020111A Datasheet
277Kb / 3P
   LAN-Transformer WE-LAN
2016-02-16 Version 03
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
   LAN-Transformer WE-LAN
2018-09-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com