Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA05 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMBTA05
Description  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMBTA05 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MMBTA05 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMBTA05 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
MAXIMUM RATINGS (TA=25
unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
(NPN)
MMBTA05
· Epitaxial Planar Die Construction
· Complementary PNP Types Available
(MMBTA55 / MMBTA56)
· Ideal for Medium Power Amplification and
Switching
Characteristic
Symbol
MMBTA05
MMBTA06
Unit
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
4.0
V
Collector Current - Continuous (Note 1)
IC
500
mA
Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
357
K/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Note:
1. Valid provided that terminals are kept at ambient temperature.
2. Pulse test: Pulse width
£ 300ms, duty cycle £ 2%.
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
MMBTA05
MMBTA06
V(BR)CBO
60
80
¾
V
IC = 100
mA, IE = 0
Collector-Emitter Breakdown Voltage
MMBTA05
MMBTA06
V(BR)CEO
60
80
¾
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
4.0
¾
V
IE = 100
mA, IC = 0
Collector Cutoff Current
MMBTA05
MMBTA06
ICBO
¾
100
nA
VCB = 60V, IE = 0
VCB = 80V, IE = 0
Collector Cutoff Current
MMBTA05
MMBTA06
ICES
¾
100
nA
VCE = 60V, IBO = 0V
VCE = 80V, IBO = 0V
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
100
¾¾
IC = 10mA, VCE = 1.0V
IC = 100mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
0.25
V
IC = 100mA, IB = 10mA
Base- Emitter Saturation Voltage
VBE(SAT)
¾
1.2
V
IC = 100mA, VCE = 1.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
100
¾
MHz
VCE = 2.0V, IC = 10mA,
f = 100MHz
MMBTA06


Similar Part No. - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA05 TRSYS-MMBTA05 Datasheet
139Kb / 1P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Guangdong Youtai Semico...
MMBTA05 UMW-MMBTA05 Datasheet
832Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMBTA05 MCC-MMBTA05 Datasheet
503Kb / 4P
   NPN Small Signal General Purpose Amplifier Transistors
logo
Galaxy Semi-Conductor H...
MMBTA05 BILIN-MMBTA05 Datasheet
222Kb / 5P
   NPN General Purpose Transistor
logo
Samsung semiconductor
MMBTA05 SAMSUNG-MMBTA05 Datasheet
26Kb / 1P
   NPN (DRIVER TRANSISTOR)
More results

Similar Description - MMBTA05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com