Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT5401 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMBT5401
Description  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMBT5401 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MMBT5401 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMBT5401 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Complementary to MMBT5551
Ideal for medium power amplification and switching
MARKING: 2L
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-160
V
Collector-Emitter Voltage
V
CEO
-150
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-0.6
A
Collector Power Dissipation
PC
0.3
W
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC= -100μA,
IE=0
-160
V
Collector-emitter breakdown voltage
VCEO
IC= -1mA,
IB=0
-150
V
Emitter-base breakdown voltage
VEBO
IE= -10μA, IC=0
-5
V
Collector cut-off current
ICB
O
VCB=-120 V ,
IE=0
-0.1
μA
Emitter cut-off current
IEB
O
VEB=-4V ,
IC=0
-0.1
μA
DC current gain
hFE1
VCE= -5V, IC= -1mA
80
hFE2
VCE= -5V,
IC=-10mA
100
300
hFE3
VCE= -5V,
IC=-50mA
50
Collector-emitter saturation voltage
VCE(sat)
IC=-50 mA,
IB= -5mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= -50 mA,
IB=
-5mA
-1
V
Transition frequency
fT
VCE= -5V,
IC=
-10mA
f=30MHz
100
MHz
(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
MMBT5401


Similar Part No. - MMBT5401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT5401 TRSYS-MMBT5401 Datasheet
171Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diotec Semiconductor
MMBT5401 DIOTEC-MMBT5401 Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Daya Electric Group Co....
MMBT5401 DAYA-MMBT5401 Datasheet
169Kb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
MMBT5401 KEXIN-MMBT5401 Datasheet
1Mb / 2P
   PNP Transistors
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
More results

Similar Description - MMBT5401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com