Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4490DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4490DY
Description  N-Channel 200-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4490DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4490DY Datasheet HTML 1Page - Vishay Siliconix SI4490DY Datasheet HTML 2Page - Vishay Siliconix SI4490DY Datasheet HTML 3Page - Vishay Siliconix SI4490DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4490DY
Vishay Siliconix
www.vishay.com
2
Document Number: 71341
S-03951—Rev. B, 26-May-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
2.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 160 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 160 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
40
A
Drain Source On State Resistancea
rDS( )
VGS = 10 V, ID = 4.0 A
0.065
0.080
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 6.0 V, ID = 4.0 A
0.070
0.090
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 5 A
19
S
Diode Forward Voltagea
VSD
IS = 2.8 A, VGS = 0 V
0.75
1.2
V
Dynamicb
Total Gate Charge
Qg
34
42
Gate-Source Charge
Qgs
VDS = 100 V, VGS = 10 V, ID = 4.0 A
7.5
nC
Gate-Drain Charge
Qgd
12.0
Gate Resistance
Rg
0.2
0.85
1.3
W
Turn-On Delay Time
td(on)
14
20
Rise Time
tr
VDD = 100 V, RL = 25 W
20
30
Turn-Off Delay Time
td(off)
VDD = 100 V, RL = 25 W
ID ^ 4.0 A, VGEN = 10 V, RG = 6 W
32
50
ns
Fall Time
tf
25
35
Source-Drain Reverse Recovery Time
trr
IF = 2.8 A, di/dt = 100 A/ms
70
100
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
5
10
15
20
25
30
35
40
0123456
0
8
16
24
32
40
02468
10
VGS = 10 thru 6 V
TC = 125_C
-55
_
C
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
5 V
4 V


Similar Part No. - SI4490DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4490DY VISHAY-SI4490DY Datasheet
199Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 23-Jan-0
SI4490DY VISHAY-SI4490DY Datasheet
234Kb / 8P
   N-Channel 200-V (D-S) MOSFET
Rev. C, 27-Apr-09
logo
Guangdong Kexin Industr...
SI4490DY KEXIN-SI4490DY Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Vishay Siliconix
SI4490DY VISHAY-SI4490DY Datasheet
165Kb / 7P
   N-Channel 200-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI4490DY-HF KEXIN-SI4490DY-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - SI4490DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com