Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30071-53 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 30071-53
Description  Geode??GXLV Processor Series Low Power Integrated x86 Solutions
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

30071-53 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  30071-53 Datasheet HTML 1Page - National Semiconductor (TI) 30071-53 Datasheet HTML 2Page - National Semiconductor (TI) 30071-53 Datasheet HTML 3Page - National Semiconductor (TI) 30071-53 Datasheet HTML 4Page - National Semiconductor (TI) 30071-53 Datasheet HTML 5Page - National Semiconductor (TI) 30071-53 Datasheet HTML 6Page - National Semiconductor (TI) 30071-53 Datasheet HTML 7Page - National Semiconductor (TI) 30071-53 Datasheet HTML 8Page - National Semiconductor (TI) 30071-53 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 247 page
background image
© 2000 National Semiconductor® Corporation
www.national.com
April 2000
Geode™ GXLV Processor Series
Low Power Integrated x86 Solutions
General Description
The National Semiconductor® Geode™ GXLV processor
series is a new line of integrated processors specifically
designed to power information appliances for entertain-
ment, education, and business. Serving the needs of con-
sumers and business professionals alike, it is the perfect
solution for information appliance applications such as
thin clients, interactive set top boxes, and personal inter-
net access devices.
The GXLV processor series is divided into three main cat-
egories as defined by the core operating voltage. Avail-
able with core voltages of 2.2V, 2.5V, and 2.9V, it offers
extremely low typical power consumption (1.0W to 2.5W)
leading to longer battery life and enabling small form-fac-
tor, fanless designs. Each core voltage is offered in fre-
quencies that are enabled by specific system clock and
multiplier settings. This allows the user to select the
device(s) that best fit their power and performance
requirements. This flexibility makes the GXLV processor
series ideally suited for applications where power con-
sumption and performance (speed) are equally important.
Typical power consumption is defined as an average,
measured running Microsoft’s Windows at 80% Active Idle
(Suspend-on-Halt) with a display resolution of 800x600x8
bpp at 75 Hz.
Internal Block Diagram
Interrupt
Control
Floating Point
Unit
Clock Module
SYSCLK
Core
X-Bus
X86 Compatible Core
TLB
Integer
Unit
Instruction
Fetch
MMU
Load/Store
16 KB
Unified L1
Cache
Arbiter
PCI Host
Controller
2D Accelerator
VGA
BLT Engine
ROP Unit
(128)
FP_Error
INT/NMI
X-Bus Controller
Power
Management
Control
SUSP#
SUSPA#
Core Suspend
Core Acknowledge
X-Bus Suspend
X-Bus Acknowledge
X-Bus (32)
C-Bus (64)
Write Buffers
Read Buffers
Display Controller
Compression Buffer
Palette RAM
Timing Generator
INTR
IRQ13
3
REQ/GNT
Pairs
PCI Bus
4
SDRAM
Clocks
64-bit SDRAM
RGB
YUV
Video Companion Interface
Arbiter
SMI#
Clocks
Clocks
SYSCLK
multiplied by
A
X-Bus Clk ÷ B
National Semiconductor is a registered trademark of National Semiconductor Corporation.
Geode and WebPAD are trademarks of National Semiconductor Corporation.
For a complete listing of National Semiconductor trademarks, please visit www.national.com/trademarks.


Similar Part No. - 30071-53

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
30071-53 NSC-30071-53 Datasheet
4Mb / 244P
   Geode??GXm Processor Integrated x86 Solution with MMX Support
More results

Similar Description - 30071-53

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GXM NSC-GXM Datasheet
4Mb / 244P
   Geode??GXm Processor Integrated x86 Solution with MMX Support
GX1 NSC-GX1 Datasheet
4Mb / 247P
   Processor Series Low Power Integrated x86 Solution
logo
Axiomtek Co., Ltd.
NA100 AXIOMTEK-NA100 Datasheet
322Kb / 1P
   Ultra low power AMD Geode LX800 processor
NA-100 AXIOMTEK-NA-100 Datasheet
209Kb / 1P
   Ultra low power AMD Geode LX800 processor
logo
AAEON Technology
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
   AMD Geode GX1 Processor
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
   AMD Geode GX1 Processor
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
   AMD Geode GX1 Processor
HSB-460I AAEON-HSB-460I Datasheet
630Kb / 1P
   AMD Geode GX1 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com