Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI786CSG-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI786CSG-T1
Description  Dual-Output Power-Supply Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI786CSG-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI786CSG-T1 Datasheet HTML 1Page - Vishay Siliconix SI786CSG-T1 Datasheet HTML 2Page - Vishay Siliconix SI786CSG-T1 Datasheet HTML 3Page - Vishay Siliconix SI786CSG-T1 Datasheet HTML 4Page - Vishay Siliconix SI786CSG-T1 Datasheet HTML 5Page - Vishay Siliconix SI786CSG-T1 Datasheet HTML 6Page - Vishay Siliconix SI786CSG-T1 Datasheet HTML 7Page - Vishay Siliconix SI786CSG-T1 Datasheet HTML 8Page - Vishay Siliconix SI786CSG-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Si786
Vishay Siliconix
Document Number: 70189
S-40807—Rev. J, 26-Apr-04
www.vishay.com
3
SPECIFICATIONS
Limitse
Specific Test Conditions
V+ = 15 V, IVL = IREF = 0 mA, SHDN = ON3 = ON5 = 5 V
Other Digital Input Levels 0 V or 5 V, TA = TMIN to TMAX
Parameter
Unit
Maxa
Typb
Mina
Specific Test Conditions
V+ = 15 V, IVL = IREF = 0 mA, SHDN = ON3 = ON5 = 5 V
Other Digital Input Levels 0 V or 5 V, TA = TMIN to TMAX
Comparators
D1 D2 Trip Voltage
Falling Edge Hysteresis = 1%
1.61
1.69
V
D1, D2 Trip Voltage
Falling Edge, Hysteresis = 1%
Si786DG/DRG/DSG
1.60
1.69
V
D1, D2 Input Current
D1 = D2 = 0 V, 5 V
"100
nA
Q1, Q2 Source Current
VH = 15 V VOUT = 2 5 V
12
20
30
mA
Q1, Q2 Sink Current
VH = 15 V, VOUT = 2.5 V
200
500
1000
mA
Q1, Q2 Output High Voltage
ISOURCE = 5 mA, VH = 3 V
VH - 0.5
V
Q1, Q2 Output Low Voltage
ISINK = 20 mA, VH = 3 V
0.4
V
Quiescent VH Current
VH = 18 V, D1 = D2 = 5 V, No External Load
4
10
mA
Oscillator and Inputs/Outputs
SYNC = 3 3 V
270
300
330
Oscillator Frequency
SYNC = 3.3 V
Si786DG/DRG/DSG
260
300
330
kHz
Oscillator Frequency
SYNC = 0 V 5 V
170
200
230
kHz
SYNC = 0 V, 5 V
Si786DG/DRG/DSG
165
200
230
SYNC High Pulse Width
200
SYNC Low Pulse Width
200
ns
SYNC Rise/Fall Time
Not Tested
200
Oscillator SYNC Range
240
350
kHz
Maximum Duty Cycle
SYNC = 3.3 V
89
92
%
Maximum Duty Cycle
SYNC = 0 V, 5 V
92
95
%
Input Low Voltage
SHDN, ON3, ON5 SYNC
0.8
Input High Voltage
SHDN, ON3, ON5
2.4
V
Input High Voltage
SYNC
VL - 0.5
Input Current
SHDN, ON3, ON5 VIN = 0 V, 5 V
"1
mA
DL3/DL5 Sink/Source Current
VOUT = 2 V
1
A
DH3/DH5 Sink/Source Current
BST3 - LX3 = BST5 - LX5 = 4.5 V, VOUT = 2 V
1
A
DL3/DL5 On-Resistance
High or Low
7
DH3/DH5 On-Resistance
High or Low
BST3 - LX3 = BST5 - LX5 = 4.5 V
7
W
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c.
The main switching outputs track the reference voltage. Loading the reference reduces the main outputs slightly according to the closed-loop gain (AVCL) and
the reference voltage load-regulation error. AVCL for the 3.3-V supply is unity gain. AVCL for the 5-V supply is 1.54.
d.
Since the reference uses VL as its supply, its V+ line regulation error is insignificant.
e.
Limits are for all temperature grades unless otherwise noted.


Similar Part No. - SI786CSG-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7860ADP VISHAY-SI7860ADP Datasheet
42Kb / 5P
   N-Channel Reduced, Fast Switching MOSFET
Rev. A, 29-Dec-03
SI7860DP VISHAY-SI7860DP Datasheet
59Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 13-Oct-03
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7862ADP VISHAY-SI7862ADP Datasheet
297Kb / 12P
   N-Channel 16-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7862ADP VISHAY-SI7862ADP Datasheet
298Kb / 12P
   N-Channel 16-V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI786CSG-T1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
logo
Maxim Integrated Produc...
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
   Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
   Dual Power Supply Controller
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
logo
STMicroelectronics
L4992 STMICROELECTRONICS-L4992 Datasheet
296Kb / 26P
   TRIPLE OUTPUT POWER SUPPLY CONTROLLER
June 2000
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com