Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSOX4104A Datasheet(PDF) 2 Page - Keysight Technologies

Part # DSOX4104A
Description  InfiniiVision 4000 X-Series Oscilloscopes
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4104A Datasheet(HTML) 2 Page - Keysight Technologies

  DSOX4104A Datasheet HTML 1Page - Keysight Technologies DSOX4104A Datasheet HTML 2Page - Keysight Technologies DSOX4104A Datasheet HTML 3Page - Keysight Technologies DSOX4104A Datasheet HTML 4Page - Keysight Technologies DSOX4104A Datasheet HTML 5Page - Keysight Technologies DSOX4104A Datasheet HTML 6Page - Keysight Technologies DSOX4104A Datasheet HTML 7Page - Keysight Technologies DSOX4104A Datasheet HTML 8Page - Keysight Technologies DSOX4104A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
02 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Imagine an oscilloscope that sees everything, triggers on
anything, has the ease-of-use of a tablet device…and grows with
your projects.
The Keysight Technologies, Inc. 4000 X-Series oscilloscopes are
engineered for next-generation performance, delivering waveform
update rates 20 times faster than the competition to display
the most signal detail. An industry-leading 12.1-inch capacitive
touch screen with innovative hardware-based InfiniiScan Zone
touch triggering provides the most intuitive interface to get you
answers faster. The 4000 X-Series provides maximum investment
protection with fully upgradable 5-instruments-in-1.
Experience the speed
Anomalies and elusive events are the toughest to debug. The
4000 X-Series oscilloscope redefines your debugging experience
with MegaZoom IV smart memory technology. The industry-
leading 1-million-waveforms-per-second update rate, means you
see more of your signal behavior and can feel more confident in
your design.
Experience the usability
You may be surprised just how easy it is to use the InfiniiVision
4000 X-Series. A 12.1-inch capacitive touch screen − the
industry’s largest − works just like your favorite tablet or smart
phone, so debugging your devices is faster than ever before.
Innovative InfiniiScan Zone touch triggering makes triggering on
anything a snap. Just draw a box around signals of interest and
the oscilloscope triggers on them. So, if you can see it, you can
trigger on it.
Experience the integration
The 4000 X-Series further redefines your oscilloscope experience
by integrating the capabilities of five instruments in one:
oscilloscope channels, logic channels, digital voltmeter (DVM),
dual-channel WaveGen function/arbitrary waveform generator,
and serial protocol analyzer including USB. All are upgradable,
including bandwidth, for the ultimate investment protection.
Oscilloscope Experience Redefined:
Experience the Speed, Usability, and Integration
4000 X-Series – Oscilloscope experience
redefined
Key features:
– Experience the speed:
– One million waveforms per second update rate
– MegaZoom IV smart memory technology
– Standard segmented memory
– Experience the usability:
– Industry’s first capacitive touch screen
– Industry’s largest 12-inch display
– InfiniiScan Zone touch trigger
– Experience the integration:
– Industry’s first 5 instruments in 1
– Industry’s first fully upgradable including bandwidth
to 1.5 GHz
– Industry’s leading application solutions
Figure 1. MegaZoom IV smart memory technology enables the speed,
usability, and integration.
Figure 2. Take advantage of a new oscilloscope application bundle that
will enable ALL software applications (including DVM and WaveGen) for
one low price (Option DSOX4APPBNDL).


Similar Part No. - DSOX4104A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX4154A KEYSIGHT-DSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
More results

Similar Description - DSOX4104A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX4VID KEYSIGHT-DSOX4VID Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4154A KEYSIGHT-DSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4032A KEYSIGHT-DSOX4032A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4052A KEYSIGHT-DSOX4052A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4054A KEYSIGHT-DSOX4054A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
MSOX4154A KEYSIGHT-MSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
4000X KEYSIGHT-4000X Datasheet
4Mb / 39P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4022A KEYSIGHT-DSOX4022A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
MSOX4022A KEYSIGHT-MSOX4022A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
MSOX4104A KEYSIGHT-MSOX4104A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com