Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSOX4054A Datasheet(PDF) 3 Page - Keysight Technologies

Part # DSOX4054A
Description  InfiniiVision 4000 X-Series Oscilloscopes
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4054A Datasheet(HTML) 3 Page - Keysight Technologies

  DSOX4054A Datasheet HTML 1Page - Keysight Technologies DSOX4054A Datasheet HTML 2Page - Keysight Technologies DSOX4054A Datasheet HTML 3Page - Keysight Technologies DSOX4054A Datasheet HTML 4Page - Keysight Technologies DSOX4054A Datasheet HTML 5Page - Keysight Technologies DSOX4054A Datasheet HTML 6Page - Keysight Technologies DSOX4054A Datasheet HTML 7Page - Keysight Technologies DSOX4054A Datasheet HTML 8Page - Keysight Technologies DSOX4054A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
03 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Oscilloscope Experience Redefined:
Experience the Speed, Usability, and Integration (Continued)
Overview of Keysight InfiniiVision X-Series oscilloscopes
InfiniiVision
6000 X-Series
4000 X-Series
3000T X-Series
2000 X-Series
Analog channels
2 or 4
2 or 4
2 or 4
2 or 4
Digital channels
16 (MSO models or upgrade)
16 (MSO models or upgrade)
16 (MSO models or upgrade)
8 (MSO models or upgrade)
Bandwidth
1, 2.5, 4, 6 GHz
200, 350, 500 MHz, 1,
1.5 GHz
100, 200, 350, 500 MHz,
1 GHz
70, 100, 200 MHz
Max sample rate
20 GSa/s
5 GSa/s
5 GSa/s
2 GSa/s
Max memory depth
4 Mpts
4 Mpts
4 Mpts
100 kpts (standard)
1 Mpts (option)
Max waveform update
rate
> 450,000 wfms/sec
> 1,000,000 wfms/sec
> 1,000,000 wfms/sec
> 50,000 wfms/sec
Display
12.1-inch, capacitive touch
12.1-inch, capacitive touch
8.5-inch, capacitive touch
8.5-inch
Zone touch trigger
Standard
Standard
Standard
No
Voice control
Standard
No
No
No
WaveGen 20-MHz
function/arbitrary
waveform generator
Dual-channel AWG (option)
Dual-channel AWG (option)
Single-channel AWG (option)
Single-channel function
(option)
Integrated DVM
Option
Option
Option
Option
Integrated hardware
counter
5 digits (standard), 10 digits
+ totalizer (option)
5 digits (standard)
5 digits (standard), 8 digits +
totalizer (option)
5 digits (standard)
Search and navigate
Standard, lister supported
Standard, lister supported
Standard, lister supported
Serial only
Segment memory
Standard
Standard
Standard
Option
Mask/limit test
Option
Option
Option
Option
Serial protocol analysis
options
I2C/SPI, UART/RS232, CAN/
CAN-dbc/CAN-FD/LIN/LIN
symbolic, SENT, FlexRay, I2S,
MIL-STD1553, ARINC429,
USB 2.0
I2C/SPI, UART/RS232, CAN/
CAN-dbc/CAN-FD/LIN/LIN
symbolic, SENT, FlexRay,
I2S, MIL-STD1553, CXPI,
ARINC429, USB 2.0
I2C/SPI, UART/RS232, CAN/
CAN-dbc/CAN-FD/LIN/LIN
symbolic, SENT, FlexRay,
I2S, MIL-STD1553, CXPI,
ARINC429
I2C/SPI, UART, CAN/LIN (will
not operate simultaneously
with digital channels)
Advanced analysis
options
Power analysis, USB 2.0
signal quality test, HDTV
analysis, FPGA
Power analysis, USB 2.0
signal quality test, HDTV
analysis, FPGA
Power analysis, HDTV
analysis
No
Color grade
Standard
No
No
No
Histogram
Standard
No
No
No
FFT
Standard enhanced FFT
Standard enhanced FFT
Standard enhanced FFT
Standard
Multi-domain analysis
Gated FFT
Gated FFT
Gated FFT
No
Jitter analysis with clock
recovery
Option
No
No
No
Realtime eye diagram
Option
No
No
No
Advanced math
Standard, display four
functions simultaneously
Standard, display one
function
Standard, display one
function
No
Connectivity
Standard USB 2.0, LAN,
video (GPIB option), USB
mouse and keyboard support
Standard USB 2.0, LAN,
video (GPIB option), USB
mouse and keyboard support
Standard USB 2.0 (LAN/
video/GPIB option), USB
mouse and keyboard support
Standard USB 2.0 (LAN/
video/GPIB option), USB
keyboard support
Need more bandwidth, sampling rate, and analysis?
Consider the Infiniium 6000 X-Series
– 1, 2.5, 4, and 6 GHz
– 20 GSa/s
– Ultra-low noise at 1 mV/div
– 12.1-inch multi-touch capacitive display with gesture support
– Standard color grade, histogram, and enhanced FFT
– Optional jitter and real-time eye diagram analysis
See www.keysight.com/find/6000X-Series for more details.


Similar Part No. - DSOX4054A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX4052A KEYSIGHT-DSOX4052A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
More results

Similar Description - DSOX4054A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOX4VID KEYSIGHT-DSOX4VID Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4154A KEYSIGHT-DSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4032A KEYSIGHT-DSOX4032A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4052A KEYSIGHT-DSOX4052A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
MSOX4154A KEYSIGHT-MSOX4154A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
4000X KEYSIGHT-4000X Datasheet
4Mb / 39P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4022A KEYSIGHT-DSOX4022A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
MSOX4022A KEYSIGHT-MSOX4022A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
MSOX4104A KEYSIGHT-MSOX4104A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
DSOX4104A KEYSIGHT-DSOX4104A Datasheet
3Mb / 37P
   InfiniiVision 4000 X-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com