Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC84510BP Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC84510BP
Description  PS/2 SCROLLING MOUSE CONTROLIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510BP Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC84510BP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510BP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510BP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510BP Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC84510BP Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC84510BP Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC84510BP Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC84510BP Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC84510BP Datasheet HTML 14Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
10
(g) Read Device Type (F2)
SC84510 always echoes “ FA, 00 “ following this command.
(h) Set Remote Mode (F0)
Data values are reported only in response to a Read Data command.
(i) Set Wrap Mode (EE)
Wrap mode remains until Reset (FF) or Reset Wrap Mode (EC) is received.
(j) Reset Wrap Mode (EC)
SC84510 returns to the previous mode of operation after receiving this command.
(k) Read Data (EB)
This command is executed in either remote or stream mode. The data is transmitted even if there has
been no movement since the last report or the button status is unchanged. Following a Read Data
command, the registers are cleared after a data transmission.
(l) Set Stream Mode (EA)
This command sets SC84510 in stream mode.
(m) Status Request (E9)
When this command is issued by the system, SC84510 respond with a 3-byte status report as follows:
Byte
Bit
Description
1
0
1 = Right button pressed
1
1 = Middle button pressed
2
1 = Left button pressed
3
Reserved
4
0 = Normal speed, 1 = Auto-speed
5
0 = Disabled, 1 = Enabled
6
0 = stream mode, 1 = Remote mode
7
Reserved
2
0~7
Current resolution setting (D0~D7)
3
0~7
Current sampling rate (D0~D7)
(n) Set Resolution (E8, XX)
SC84510 provides four resolutions selected by the second byte of this command as follows:
Second Byte XX
Resolution
00
8 dots/count
01
4 dots/count
02
2 dots/count
03
1 dot/count
(o) Set Auto-speed (E7)


Similar Part No. - SC84510BP

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC84502 SILAN-SC84502 Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
SC84502BP SILAN-SC84502BP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
   TWO IN ONE SCROLLING MOUSE CONTROLLER
More results

Similar Description - SC84510BP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
   PS/2 SCROLLING MOUSE CONTROLLER
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
   2-IN-ONE SCROLLING MOUSE CONTROLLER
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
   PS/2 MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
logo
Pixart Imaging Inc.
PAW3401 PIXART-PAW3401 Datasheet
619Kb / 17P
   PS/2 OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com