Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF7118 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # SAF7118
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button SAF7118 Datasheet HTML 47Page - NXP Semiconductors SAF7118 Datasheet HTML 48Page - NXP Semiconductors SAF7118 Datasheet HTML 49Page - NXP Semiconductors SAF7118 Datasheet HTML 50Page - NXP Semiconductors SAF7118 Datasheet HTML 51Page - NXP Semiconductors SAF7118 Datasheet HTML 52Page - NXP Semiconductors SAF7118 Datasheet HTML 53Page - NXP Semiconductors SAF7118 Datasheet HTML 54Page - NXP Semiconductors SAF7118 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 173 page
background image
2004 Jul 22
51
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
8.4.2
HORIZONTAL SCALING
The overall horizontal required scaling factor has to be split
into a binary and a rational value according to the
equation:
where the parameter of prescaler XPSC[5:0] = 1 to 63 and
the parameter of VPD phase interpolation
XSCY[12:0] = 300 to 8191 (0 to 299 are only theoretical
values). For example, 1
3.5 is to split in 14 × 1.14286. The
binary factor is processed by the prescaler, the arbitrary
non-integer ratio is achieved via the variable phase delay
VPD circuitry, called horizontal fine scaling. The latter
calculates horizontally interpolated new samples with a
6-bit phase accuracy, which relates to less than 1 ns jitter
for regular sampling scheme. Prescaler and fine scaler
create the horizontal scaler of the SAF7118.
Using the accumulation length function of the prescaler
(XACL[5:0] A1H[5:0]), application and destination
dependent (e.g. scale for display or for a compression
machine), a compromise between visible bandwidth and
alias suppression can be determined.
8.4.2.1
Horizontal prescaler (subaddresses
A0H to A7H and D0H to D7H)
The prescaling function consists of an FIR anti-alias filter
stage and an integer prescaler, which creates an adaptive
prescale dependent low-pass filter to balance sharpness
and aliasing effects.
The FIR prefilter stage implements different low-pass
characteristics to reduce alias for downscales in the range
of 1 to 1
2. A CIF optimized filter is built-in, which reduces
artefacts for CIF output formats (to be used in combination
with the prescaler set to 1
2 scale); see Table 11.
The function of the prescaler is defined by:
• An integer prescaling ratio XPSC[5:0] A0H[5:0] (equals
1 to 63), which covers the integer downscale
range 1 to 1
63
• An averaging sequence length XACL[5:0] A1H[5:0]
(equals 0 to 63); range 1 to 64
• A DC gain renormalization XDCG[2:0] A2H[2:0];
1 down to 1
128
• The bit XC2_1[A2H[3]], which defines the weighting of
the incoming pixels during the averaging process:
– XC2_1 = 0
⇒ 1 + 1...+ 1 +1
– XC2_1 = 1
⇒ 1 + 2...+ 2 +1.
The prescaler creates a prescale dependent FIR low-pass,
with up to (64 + 7) filter taps. The parameter XACL[5:0]
can be used to vary the low-pass characteristic for a given
integer prescale of 1
XPSC[5:0]. The user can therefore
decide between signal bandwidth (sharpness impression)
and alias.
Equation for XPSC[5:0] calculation is:
Where:
the range is 1 to 63 (value 0 is not allowed);
Npix_in = number of input pixel, and
Npix_out = number of desired output pixel over the
complete horizontal scaler.
The use of the prescaler results in a XACL[5:0] and
XC2_1 dependent gain amplification. The amplification
can be calculated according to the equation:
DC gain = (XC2_1 + 1)
× XACL[5:0] + (1 − XC2_1)
It is recommended to use sequence lengths and weights,
which results in a 2N DC gain amplification, as these
amplitudes can be renormalized by the XDCG[2:0]
controlled
shifter of the prescaler.
The renormalization range of XDCG[2:0] is 1, 1
2 down
to 1
128.
Other amplifications have to be normalized by using the
following BCS control circuitry. In these cases the
prescaler has to be set to an overall gain of
≤1, e.g. for an
accumulation sequence of ‘1 + 1 + 1’ (XACL[5:0] = 2 and
XC2_1 = 0), XDCG[2:0] must be set to ‘010’, this equals 1
4
and the BCS has to amplify the signal to 4
3 (SATN[7:0]
and CONT[7:0] value = lower integer of 4
3 × 64).
The use of XACL[5:0] is XPSC[5:0] dependent.
XACL[5:0] must be <2
× XPSC[5:0].
XACL[5:0] can be used to find a compromise between
bandwidth (sharpness) and alias effects.
H-scale ratio
output pixel
input pixel
------------------------------
=
H-scale ratio
1
XPSC[5:0]
----------------------------
1024
XSCY[12:0]
-------------------------------
×
=
XPSC[5:0]
lower integer of
Npix_in
Npix_out
-----------------------
=
1
2
N
------


Similar Part No. - SAF7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results

Similar Description - SAF7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com