Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST994K Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # PST994K
Description  System Reset
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST994K Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  PST994K Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST994K Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST994K Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST994K Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MITSUMI
System Reset PST993, 994
-20-10 0
10203040506070
30
40
50
60
70
80
90
100
Ta (°C)
VOL
(mV)
-20-10 0
10203040506070
0
10
20
30
40
50
60
70
80
90
100
Ta (°C)
VS
(mV)
VS vs. Ta
VOL vs. Ta
-20-10 0
10203040506070
160
200
240
280
320
360
400
440
Ta (°C)
ICCH
(
µA)
PST994
PST993
ICCH vs. Ta
-
20-10 0
10203040506070
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
Ta (°C)
IOC
(
µA)
IOC vs. Ta (PST993)
-20-10 0
10203040506070
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta (°C)
VopL
(V)
-20-10 0
10203040506070
4100
4120
4140
4160
4180
4200
4220
4240
4260
4280
4300
Ta (°C)
VS
(mV)
VS vs. Ta
VOpL vs. Ta
Characteristics
Equivalent Circuit Diagram
* Since PST993 incorporates a constant current load, the pull-up resistance is not necessary.


Similar Part No. - PST994K

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST9008 MITSUMI-PST9008 Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST9009 MITSUMI-PST9009 Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST9010 MITSUMI-PST9010 Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST9011 MITSUMI-PST9011 Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST9012 MITSUMI-PST9012 Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
More results

Similar Description - PST994K

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
   System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
   System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
PST596 MITSUMI-PST596 Datasheet
114Kb / 5P
   System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
PST9223 MITSUMI-PST9223 Datasheet
135Kb / 6P
   System Reset
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com