Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST994K Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST994K
Description  System Reset
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST994K Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST994K Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST994K Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST994K Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST994K Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MITSUMI
System Reset PST993, 994
System Reset
Monolithic IC PST993, 994
Outline
The function of this IC is to accurately reset systems after detecting the supply voltage at the time of
switching power on and instantaneous power off in various CPU and other logic systems. Further, this IC can
be offered at low cost because it is designed to be simplified allowing for the replacement from reset circuit of
discrete configuration.
Features
1. Voltage detect precision
VS±5% max.
2. Low consumption current
ICCH=300µA typ. ICCL=250µA typ.
3. Low operating threshold voltage
0.65V typ.
4. Hysteresis voltage is provided as detect voltage
50mV typ.
5. Large output current at the time ON
15mA typ.
6. Detect voltage rank
PST993 C : 4.5V
H : 3.1V
D : 4.2V
I : 2.9V
E : 3.9V
J : 2.7V
F : 3.6V
K : 2.5V
G : 3.3V
L : 2.3V
(Same ranks for PST994 too)
7. Output form
PST993 : Constant current load built-in
PST994 : Open collector
Packages
TO-92A (PST993
, PST994
)
* contains detection voltage rank.
Applications
1. Reset circuits for microcomputers, CPU and MPU.
2. Reset circuit for logic circuitry.
3. Level detecting circuit.
Pin Assignment
12
3
TO-92A
1
VCC
2
GND
3
VOUT


Similar Part No. - PST994K

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST9008 MITSUMI-PST9008 Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST9009 MITSUMI-PST9009 Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST9010 MITSUMI-PST9010 Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST9011 MITSUMI-PST9011 Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST9012 MITSUMI-PST9012 Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
More results

Similar Description - PST994K

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
   System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
   System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
PST596 MITSUMI-PST596 Datasheet
114Kb / 5P
   System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
PST9223 MITSUMI-PST9223 Datasheet
135Kb / 6P
   System Reset
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com