Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILPA30JW-S070SS Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA30JW-S070SS
Description  30W Water-Proof Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA30JW-S070SS Datasheet(HTML) 1 Page - Vitec Power

  ILPA30JW-S070SS Datasheet HTML 1Page - Vitec Power ILPA30JW-S070SS Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA30JW SERIES
30W Water-Proof Constant Current LED Driver
Wide Input Voltage 90 to 264VAC, 47 to 63Hz
Constant Output Current Available From 0.35A To 2.5A
Over Voltage, Short Circuit, Lighting, and Over Temperature Protection
High Efficiency (up to 86%)
Active Power Factor Correction (PFC) (86% typical)
IP67 Waterproof Rating, Metal Housing
Comply with UL8750 & EN61347 Safety Regulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Current Range
(Min. / Typ. / Max.)
Output Voltage Range
(Min. / Max.)
Efficiency
(220VAC, Full Load)
Over Voltage Protection
(Min/Typ/Max)
Max.
Output Power
ILPA30JW-S250SS
2375 / 2500 / 2625 mA
7 / 12 VDC
83%
14 / 16 / 18 VDC
30W
ILPA30JW-S166SS
1580 / 1660 / 1740 mA
9 / 18 VDC
84%
22 / 24 / 27 VDC
30W
ILPA30JW-S125SS
1190 / 1250 / 1310 mA
13 / 24 VDC
85%
29 / 32 / 36 VDC
30W
ILPA30JW-S083SS
790 / 830 / 870 mA
18 / 36 VDC
86%
43 / 48 / 54 VDC
30W
ILPA30JW-S070SS
665 / 700 / 735 mA
21 / 42 VDC
86%
50 / 57 / 63 VDC
30W
ILPA30JW-S045SS
428 / 450 / 472 mA
33 / 66 VDC
86%
79 / 89 / 99 VDC
30W
ILPA30JW-S035SS
333 / 350 / 367 mA
43 / 86 VDC
87%
103 / 116 / 129 VDC
30W
Item -S250SS, -S166SS, -S125SS use Class 2 output (USR & CNR).
Item -S083SS, -S070SS -S045SS, -S035SS use Non-Class 2 output (USR & CNR).
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
30
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.43
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.25
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
65
A
Power Factor Correction
Vin=110VAC
86
%
Efficiency
Io=Full Load, Vin=230VAC
82.5
87
%
No-Load Power Consumption
No Load, VIn=230VAC
1
W
Line Regulation
Io=Full Load
1
%
Load Regulation
Vin=230VAC
3
%
Over Voltage Protection
Latch mode. The power unit shall return to normal operation only after the power is turn-on again.
(Please refer to output table.)
Over Temperature Protection
110
°C
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The power supply shall be
self-recovery when the fault condition is removed.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=100VAC
3
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 uF ceramic capacitor and a 10
uF electrolytic capacitor.
2
% Vo


Similar Part No. - ILPA30JW-S070SS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA30JW-S070SS Vitec-ILPA30JW-S070SS Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
More results

Similar Description - ILPA30JW-S070SS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA30JW Vitec-ILPA30JW Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA30VW Vitec-ILPA30VW Datasheet
280Kb / 2P
   30W Water-Proof Constant Voltage LED Driver
ILPA30VW-SERIES Vitec-ILPA30VW-SERIES Datasheet
280Kb / 2P
   30W Water-Proof Constant Voltage LED Driver
ILPA75JU-SERIES Vitec-ILPA75JU-SERIES Datasheet
296Kb / 2P
   75W Water-Proof Constant Current LED Driver
ILPA100JU-SERIES Vitec-ILPA100JU-SERIES Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA50JW-SERIES Vitec-ILPA50JW-SERIES Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA50JW Vitec-ILPA50JW Datasheet
299Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA100JU Vitec-ILPA100JU Datasheet
298Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA60JU Vitec-ILPA60JU Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
ILPA120JU-SERIES Vitec-ILPA120JU-SERIES Datasheet
290Kb / 2P
   120W Water-Proof Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com