Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILPA35JU-S290ST Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA35JU-S290ST
Description  35W Water-Proof Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA35JU-S290ST Datasheet(HTML) 1 Page - Vitec Power

  ILPA35JU-S290ST Datasheet HTML 1Page - Vitec Power ILPA35JU-S290ST Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA35JU SERIES
35W Water-Proof Constant Current LED Driver
Wide Input Voltage 90 to 305VAC, 47 to 63Hz
Constant Current Output
High Efficiency (up to 88%)
Active Power Factor Correction (PFC)
Over Voltage, Short Circuit, Lighting, and Over Temperature Protection
IP67 Waterproof Rating, Metal Housing
Comply with UL8750 & EN61347 Safety Regulation
3 Year Warranty
Approvals:
Single Output
Part Number
Output Current Range
(Min. / Typ. / Max.)
Output Voltage Range
(Min. / Max.)
Efficiency
(220VAC, Full Load)
Over Voltage Protection
(Min/Typ/Max)
Max.
Output Power
ILPA35JU-S290ST
2755 / 2900 / 3045 mA
4 / 12 VDC
82%
13 / 15 / 17 VDC
35W
ILPA35JU-S245ST
2328 / 2450 / 2573 mA
5 / 15 VDC
83%
16 / 18 / 20 VDC
35W
ILPA35JU-S210ST
1995 / 2100 / 2205 mA
6 / 18 VDC
84%
19 / 21 / 23 VDC
35W
ILPA35JU-S175ST
1663 / 1750 / 1838 mA
7 / 20 VDC
84%
23 / 25 / 27 VDC
35W
ILPA35JU-S140ST
1330 / 1400 / 1470 mA
8 / 24 VDC
85%
30 / 32 / 34 VDC
35W
ILPA35JU-S105ST
998 / 1050 / 1103 mA
11 / 33 VDC
86%
39 / 41 / 43 VDC
35W
ILPA35JU-S070ST
665 / 700 / 735 mA
17 / 50 VDC
86%
57 / 58 / 59 VDC
35W
ILPA35JU-S045ST
428 / 450 / 473 mA
26 / 78 VDC
87%
95 / 97 / 99 VDC
35W
ILPA35JU-S035ST
333 / 350 / 368 mA
33 / 100 VDC
88%
118 / 120 / 122 VDC
35W
Item -S290ST, -S245ST, -S210ST, -S175ST, -S140ST, -S105ST are Class 2 output (USR & CNR).
Item -S070ST is Class 2 output (USR), Non-Class 2 output (CNR)
Item -S045ST, -S035ST is Non-Class 2 output (USR & CNR)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
305
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
35
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.49
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.25
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
20
A
Power Factor Correction
Vin=110VAC
92
%
Efficiency
Io=Full Load, Vin=230VAC
82
88
%
No-Load Power Consumption
No Load, VIn=230VAC
6
W
Line Regulation
Io=Full Load
2
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
(Latch mode. The power unit shall return to normal operation only after the power is turn-on again.)
Over Temperature Protection
110
°C
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The power supply shall be
self-recovery when the fault condition is removed.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=110VAC
1.7
2
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 uF ceramic capacitor and a 10
uF electrolytic capacitor.
10
% Vo


Similar Part No. - ILPA35JU-S290ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA35JU-S290ST Vitec-ILPA35JU-S290ST Datasheet
332Kb / 2P
   35W Water-Proof Constant Current LED Driver
More results

Similar Description - ILPA35JU-S290ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA35JU Vitec-ILPA35JU Datasheet
332Kb / 2P
   35W Water-Proof Constant Current LED Driver
ILPA35JUD-SERIES Vitec-ILPA35JUD-SERIES Datasheet
359Kb / 2P
   35W Dimmable Water-Proof Constant Current LED Driver
ILPA35JUD Vitec-ILPA35JUD Datasheet
359Kb / 2P
   35W Dimmable Water-Proof Constant Current LED Driver
ILPA30JW-SERIES Vitec-ILPA30JW-SERIES Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA75JU-SERIES Vitec-ILPA75JU-SERIES Datasheet
296Kb / 2P
   75W Water-Proof Constant Current LED Driver
ILPA100JU-SERIES Vitec-ILPA100JU-SERIES Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA50JW-SERIES Vitec-ILPA50JW-SERIES Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA50JW Vitec-ILPA50JW Datasheet
299Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA100JU Vitec-ILPA100JU Datasheet
298Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA30JW Vitec-ILPA30JW Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com