Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1M8656A Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1M8656A
Description  CDMA/AMPS Dual Mode IF/ baseband IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8656A Datasheet(HTML) 1 Page - Samsung semiconductor

  S1M8656A Datasheet HTML 1Page - Samsung semiconductor S1M8656A Datasheet HTML 2Page - Samsung semiconductor S1M8656A Datasheet HTML 3Page - Samsung semiconductor S1M8656A Datasheet HTML 4Page - Samsung semiconductor S1M8656A Datasheet HTML 5Page - Samsung semiconductor S1M8656A Datasheet HTML 6Page - Samsung semiconductor S1M8656A Datasheet HTML 7Page - Samsung semiconductor S1M8656A Datasheet HTML 8Page - Samsung semiconductor S1M8656A Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RX IF/BBA WITH AGC
S1M8656A
1
INTRODUCTION
S1M8656A/8657 are CDMA/AMPS Dual Mode IF/ baseband IC which is
divided into three main parts - IF frequency processing, basband
processing , and digital interface. The receiver IC (S1M8656A)and
transmitter IC (S1M8657) are provided as a KIT.
S1M8656A is a receiver IC, installed with a Rx AGC, Baseband
Converter, Baseband analog filter, and A-D Converter. It can send a
digital baseband signal to the digital baseband IC. The S1M8657X01 is a
transmission-only IC, installed with a Tx AGC, IF frequency converter,
analog filter, D-A Converter, PLL, 8-bit A-D Converter for the system
monitor, and 3-input analog switch. It connects the digital baseband IC to
the RF processing. Designed to operate in direction connection with the
MSM, S1M8656A and S1M8657 are fabricated on the Samsung's 0.5um
high-speed, high-frequency BICMOS processing and can achieve
superior high frequency and low power digital operations.
Its operating voltage is 2.7V – 3.6V, and operating temperature
-30
°C – +85°C .
FEATURES
CDMA/AMPS Dual Mode
AGC input signal range : 90dB
QPSK Baseband Converter
Built-in I ,Q Baseband signal extractor LPF
Built-in 4-bit ADC for converting I and Q CDMA analog baseband signals to digital baseband signals
Built-in 8-bit ADC for converting I and Q FM analog baseband signals to digital baseband signals
Adopts the Rx SLOT function to minimize the AMPS Mode consumption power
Built-in VCO for baseband conversion
Built-in Modem PDM control circuit to compensate the I and Q offsets
3-Line Serial Port Interface (SPI)
ORDERING INFORMATION
Device
Package
Operating Temperature
+ S1M8656A01-E0T0
48-LQFP-0707
-30 to +85
°C
+ S1M8656A01-F0T0
48-BCC-7.0
×7.0
+ : New product
48-BCC-7.0
×7.0
48-LQFP-0707


Similar Part No. - S1M8656A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8657 SAMSUNG-S1M8657 Datasheet
281Kb / 34P
   TX IF/BBA WITH AGC
S1M8657X01-E0T0 SAMSUNG-S1M8657X01-E0T0 Datasheet
281Kb / 34P
   TX IF/BBA WITH AGC
S1M8657X01-F0T0 SAMSUNG-S1M8657X01-F0T0 Datasheet
281Kb / 34P
   TX IF/BBA WITH AGC
More results

Similar Description - S1M8656A

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PLUTO ZARLINK-PLUTO Datasheet
277Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
Mitel Networks Corporat...
PLUTO MITEL-PLUTO Datasheet
139Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
Samsung semiconductor
S1M8662A SAMSUNG-S1M8662A Datasheet
175Kb / 22P
   CDMA/PCS/GPS Triple Mode IF/ baseband IC
logo
Zarlink Semiconductor I...
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
   Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
logo
NXP Semiconductors
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
   Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
logo
Sony Corporation
CXA3003R SONY-CXA3003R Datasheet
534Kb / 32P
   Baseband analog processing IC for dual-mode CDMA/FM cellular phone
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
   Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
logo
Zarlink Semiconductor I...
MGCM02 ZARLINK-MGCM02 Datasheet
529Kb / 21P
   TDMA/AMPS IF and Baseband Interface
logo
Mitel Networks Corporat...
SATURN MITEL-SATURN Datasheet
114Kb / 9P
   CDMA/AMPS dual Band IF Receiver for Digital Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com