Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1414568 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1414568
Description  Cable gland - G-INS-M20-S68N-PNES-LG
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1414568 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1414568 Datasheet HTML 1Page - PHOENIX CONTACT 1414568 Datasheet HTML 2Page - PHOENIX CONTACT 1414568 Datasheet HTML 3Page - PHOENIX CONTACT 1414568 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1414568
08/11/2016   Page 2 / 4
Cable gland - G-INS-M20-S68N-PNES-LG - 1414568
Technical data
General
Cable seal material
Neoprene
Thread type on connection side
M20
Torque
3.5 Nm (Union nut)
3.5 Nm (Support)
Flammability rating according to UL 94
V2
Color
lightgrey RAL 7035
Impact category
2
Execution of the strain relief
A
Assembly instructions
1) Mount screw connection support in the housing using the correct torque
2) Insert cable 3) Tighten union nut using the correct torque
Standards and Regulations
Flammability rating according to UL 94
V2
Drawings
Dimensional drawing
24
24
42
10
Classifications
eCl@ss
eCl@ss 5.1
27149109
eCl@ss 6.0
27149109
eCl@ss 8.0
27149109
eCl@ss 9.0
27144432
ETIM
ETIM 5.0
EC000441
Approvals
Approvals


Similar Part No. - 1414568

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414561 PHOENIX-1414561 Datasheet
143Kb / 11P
   Sensor/actuator cable - SAC-3P- 3,0-PVC/M12FS-2L
09/11/2020
More results

Similar Description - 1414568

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411123 PHOENIX-1411123 Datasheet
61Kb / 3P
   Cable gland - G-INS-M12-S68N-PNES-GY
03/15/2016
1411143 PHOENIX-1411143 Datasheet
82Kb / 5P
   Cable gland - G-INS-PG13,5-S68N-PNES-GY
09/11/2020
1411124 PHOENIX-1411124 Datasheet
213Kb / 5P
   Cable gland - G-INS-M16-S68N-PNES-GY
01/21/2022
1424488 PHOENIX-1424488 Datasheet
82Kb / 5P
   Cable gland - G-INS-PG13,5-M68N-PNES-LG
09/11/2020
1424490 PHOENIX-1424490 Datasheet
82Kb / 5P
   Cable gland - G-INS-PG21-M68N-PNES-LG
09/11/2020
1424491 PHOENIX-1424491 Datasheet
82Kb / 5P
   Cable gland - G-INS-PG29-M68N-PNES-LG
09/11/2020
1415182 PHOENIX-1415182 Datasheet
65Kb / 4P
   Cable gland - G-INB-M20-S68N-NEPDS-S
1415189 PHOENIX-1415189 Datasheet
64Kb / 4P
   Cable gland - G-INTRO-M20-S68N-PEPDS-BK
1415192 PHOENIX-1415192 Datasheet
67Kb / 3P
   Cable gland - G-INESR-M20-S68N-NEPDS-S
1424482 PHOENIX-1424482 Datasheet
81Kb / 5P
   Cable gland - G-INS-M25-L68N-PNES-BK
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com