Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1413210 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1413210
Description  Power cable - SAC-4P-MST/ 0,5-PUR/FST SCO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1413210 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1413210 Datasheet HTML 1Page - PHOENIX CONTACT 1413210 Datasheet HTML 2Page - PHOENIX CONTACT 1413210 Datasheet HTML 3Page - PHOENIX CONTACT 1413210 Datasheet HTML 4Page - PHOENIX CONTACT 1413210 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/products/1413210
08/10/2016   Page 3 / 5
Power cable - SAC-4P-MST/ 0,5-PUR/FST SCO - 1413210
Technical data
Cable
Number of bending cycles
4000000
Minimum bending radius, drag chain applications
10 x D
Traversing path
10 m
Traversing rate
3 m/s
Acceleration
10 m/s²
Cable weight
109 kg/km
Outer sheath, material
PUR
Material conductor insulation
PP
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 1 GΩ*km (at 20 °C)
Conductor resistance
≤ 13 Ω/km (at 20 °C)
Nominal voltage, cable
≤ 300 V AC
Test voltage, cable
≥ 3000 V AC (Spark test)
Flame resistance
According to UL 758/1581 (Cable Flame)
According to UL 758/1581 FT1
According to DIN EN 60332-1-2
Halogen-free
in accordance with DIN VDE 0472 part 815
in accordance with DIN EN 50267-2-1
Resistance to oil
According to DIN EN 60811-2-1, 168 h at 100°C
According to UL 758, 168 h at 60°C
Other resistance
Hydrolysis and microbe resistant as per VDE 0282 section 10
Low adhesion
abrasion-resistant
Resistant to salt water
Ambient temperature (operation)
-50 °C ... 80 °C (cable, fixed installation)
-30 °C ... 80 °C (cable, flexible installation)
Drawings
Schematic diagram
1
2
4
3
Pin assignment for M12 plug, 4-pos., T-coded, view of plug side
Schematic diagram
1
2
4
3
Pin assignment of M12 socket, 4-pos., T-coded, socket side view


Similar Part No. - 1413210

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1413211 PHOENIX-1413211 Datasheet
106Kb / 5P
   Power cable - SAC-4P-MST/ 1,5-PUR/FST SCO
More results

Similar Description - 1413210

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1413211 PHOENIX-1413211 Datasheet
106Kb / 5P
   Power cable - SAC-4P-MST/ 1,5-PUR/FST SCO
1417687 PHOENIX-1417687 Datasheet
114Kb / 5P
   Power cable - SAC-4P-MST/ 5,0-PUR/FST SH SCO
1411366 PHOENIX-1411366 Datasheet
95Kb / 3P
   Sensor/Actuator cable - SAC-4P-MST/20,0-PUR/FST SCO
1415197 PHOENIX-1415197 Datasheet
103Kb / 5P
   Power cable - SAC-4P-MRT/ 2,0-PUR/FRT SCO
1415198 PHOENIX-1415198 Datasheet
103Kb / 5P
   Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SCO
1415199 PHOENIX-1415199 Datasheet
103Kb / 5P
   Power cable - SAC-4P-MRT/ 10,0-PUR/FRT SCO
1415196 PHOENIX-1415196 Datasheet
103Kb / 5P
   Power cable - SAC-4P-MRT/ 1,0-PUR/FRT SCO
1415204 PHOENIX-1415204 Datasheet
110Kb / 5P
   Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SH SCO
1415202 PHOENIX-1415202 Datasheet
110Kb / 5P
   Power cable - SAC-4P-MRT/ 1,5-PUR/FRT SH SCO
1415203 PHOENIX-1415203 Datasheet
110Kb / 5P
   Power cable - SAC-4P-MRT/ 3,0-PUR/FRT SH SCO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com