Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100303730002 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100303730002
Description  1.27 SRC P SKV, 2-polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100303730002 Datasheet(HTML) 1 Page - ERNI Electronics

  100303730002 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Kontaktbezeichnung
contact marking
3
3,38
4,29
1,27
Kabelführung: rot
cable guide: red
packaging unit 240 pcs
Verpackt in Tray
-
tray packaging
Verpackungseinheit 240 Stück -
X
max. 346
Einzelheit X -
detail X
M 2:1
* Federkontakt AWG 22 -
Female Contact AWG 22
Kabelführung Ø1,27 -
cable guide Ø1,27
nur mit Hilfsmittel lösbar,
für Einzeladern
only with tool unlockable,
for single conductors
1,27 SRC P IDC, 2-pin d=1,27
100303730002
1,27 SRC P SKV, 2-polig d=1,27
www.ERNI.com
contact one of the ERNI companies
A3
5:1
Information:
Tolerances
Scale
SRCP
K
Class
Index
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
7,62


Similar Part No. - 100303730002

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100303730001 ERNI-100303730001 Datasheet
38Kb / 1P
   1.27 DRC BTB 30mm 12-polig
More results

Similar Description - 100303730002

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100203700002 ERNI-100203700002 Datasheet
42Kb / 1P
   1.27 SRC P SKV, 2 -polig
100103200041 ERNI-100103200041 Datasheet
41Kb / 1P
   1.27 SRC P SKV,. 2-polig
100302240002 ERNI-100302240002 Datasheet
39Kb / 1P
   1.27 SRC P SKV. 2 -polig
100203200041 ERNI-100203200041 Datasheet
44Kb / 1P
   1.27 SRC P SKV,3 -polig
100204530001 ERNI-100204530001 Datasheet
61Kb / 1P
   1.27 SRC P SKV, 6 -polig
100204140001 ERNI-100204140001 Datasheet
48Kb / 1P
   1.27 SRC P SKV,4 -polig
100103200051 ERNI-100103200051 Datasheet
86Kb / 1P
   1.27 SRC P SKV, 12-polig
100603210051 ERNI-100603210051 Datasheet
48Kb / 1P
   1.27 SRC P SKV, 4-polig
100400530001 ERNI-100400530001 Datasheet
48Kb / 1P
   1.27 SRC P SKV, 4-polig
100100250001 ERNI-100100250001 Datasheet
347Kb / 1P
   1.27 SRC P SKV 4 POLIG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com