Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1411509 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1411509
Description  Network cable - NBC-MSD/ 1,0-93K/R4AC SCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1411509 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1411509 Datasheet HTML 1Page - PHOENIX CONTACT 1411509 Datasheet HTML 2Page - PHOENIX CONTACT 1411509 Datasheet HTML 3Page - PHOENIX CONTACT 1411509 Datasheet HTML 4Page - PHOENIX CONTACT 1411509 Datasheet HTML 5Page - PHOENIX CONTACT 1411509 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/us/products/1411509
08/04/2016   Page 4 / 6
Network cable - NBC-MSD/ 1,0-93K/R4AC SCO - 1411509
Schematic diagram
Pin assignment M12 male connector, 4-pos., D-coded, male side
Schematic diagram
5
6
3
7
2
8
1
4
Connector pin assignment plug RJ45
Cable cross section
Sercos III [93K]
Circuit diagram
1
3
2
4
1 YE
2 OG
6 BU
3 WH
Contact assignment of the M12 and RJ45 plug
Dimensional drawing
47,3
Plug, M12 x 1, straight, shielded
Dimensional drawing
48,5
13,9
RJ45 connector, IP20
Classifications
eCl@ss
eCl@ss 4.1
27060306
eCl@ss 5.1
27060307
eCl@ss 6.0
27060390
eCl@ss 8.0
27279218
eCl@ss 9.0
27060311


Similar Part No. - 1411509

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411503 PHOENIX-1411503 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/ 1,0-93K SCO
1411504 PHOENIX-1411504 Datasheet
51Kb / 3P
   Protective covers - HC-B 10-TMS-SD-IP66
1411506 PHOENIX-1411506 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/ 5,0-93K SCO
1411507 PHOENIX-1411507 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/10,0-93K SCO
More results

Similar Description - 1411509

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411529 PHOENIX-1411529 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/MSD SCO
1411503 PHOENIX-1411503 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/ 1,0-93K SCO
1411521 PHOENIX-1411521 Datasheet
123Kb / 6P
   Network cable - NBC-MSD/10,0-93K/R4AC SCO
1411518 PHOENIX-1411518 Datasheet
123Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/R4AC SCO
1411539 PHOENIX-1411539 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/ 1,0-93K/R4AC SCO
1411515 PHOENIX-1411515 Datasheet
515Kb / 12P
   NBC-MSD/ 2,0-93K/R4AC SCO - Network cable
1411544 PHOENIX-1411544 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/FSD SCO
1407360 PHOENIX-1407360 Datasheet
612Kb / 16P
   Network cable - NBC-MSD/ 1,0-93E/R4AC SCO
Jan 11, 2023
1411532 PHOENIX-1411532 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/MSD SCO
1411531 PHOENIX-1411531 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 2,0-93K/MSD SCO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com