Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F248ESOSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F248ESOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
Download  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F248ESOSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F248ESOSQTP Datasheet HTML 1Page - Microchip Technology PIC18F248ESOSQTP Datasheet HTML 2Page - Microchip Technology PIC18F248ESOSQTP Datasheet HTML 3Page - Microchip Technology PIC18F248ESOSQTP Datasheet HTML 4Page - Microchip Technology PIC18F248ESOSQTP Datasheet HTML 5Page - Microchip Technology PIC18F248ESOSQTP Datasheet HTML 6Page - Microchip Technology PIC18F248ESOSQTP Datasheet HTML 7Page - Microchip Technology PIC18F248ESOSQTP Datasheet HTML 8Page - Microchip Technology PIC18F248ESOSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 402 page
background image
 2004 Microchip Technology Inc.
DS41159D-page 1
PIC18FXX8
High-Performance RISC CPU:
• Linear program memory addressing up to
2Mbytes
• Linear data memory addressing to 4 Kbytes
• Up to 10 MIPS operation
• DC – 40 MHz clock input
• 4 MHz-10 MHz oscillator/clock input with
PLL active
• 16-bit wide instructions, 8-bit wide data path
• Priority levels for interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
Peripheral Features:
• High current sink/source 25 mA/25 mA
• Three external interrupt pins
•Timer0 module: 8-bit/16-bit timer/counter with
8-bit programmable prescaler
•Timer1 module: 16-bit timer/counter
•Timer2 module: 8-bit timer/counter with 8-bit
period register (time base for PWM)
•Timer3 module: 16-bit timer/counter
• Secondary oscillator clock option – Timer1/Timer3
• Capture/Compare/PWM (CCP) modules;
CCP pins can be configured as:
- Capture input: 16-bit, max resolution 6.25 ns
- Compare: 16-bit, max resolution 100 ns (TCY)
- PWM output: PWM resolution is 1 to 10-bit
Max. PWM freq. @:8-bit resolution = 156 kHz
10-bit resolution = 39 kHz
• Enhanced CCP module which has all the features
of the standard CCP module, but also has the
following features for advanced motor control:
- 1, 2 or 4 PWM outputs
- Selectable PWM polarity
- Programmable PWM dead time
• Master Synchronous Serial Port (MSSP) with two
modes of operation:
- 3-wire SPI™ (Supports all 4 SPI modes)
-I2C™ Master and Slave mode
• Addressable USART module:
- Supports interrupt-on-address bit
Advanced Analog Features:
• 10-bit, up to 8-channel Analog-to-Digital Converter
module (A/D) with:
- Conversion available during Sleep
- Up to 8 channels available
• Analog Comparator module:
- Programmable input and output multiplexing
• Comparator Voltage Reference module
• Programmable Low-Voltage Detection (LVD) module:
- Supports interrupt-on-Low-Voltage Detection
• Programmable Brown-out Reset (BOR)
CAN bus Module Features:
• Complies with ISO CAN Conformance Test
• Message bit rates up to 1 Mbps
• Conforms to CAN 2.0B Active Spec with:
- 29-bit Identifier Fields
- 8-byte message length
- 3 Transmit Message Buffers with prioritization
- 2 Receive Message Buffers
- 6 full, 29-bit Acceptance Filters
- Prioritization of Acceptance Filters
- Multiple Receive Buffers for High Priority
Messages to prevent loss due to overflow
- Advanced Error Management Features
Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator
• Programmable code protection
• Power-saving Sleep mode
• Selectable oscillator options, including:
- 4x Phase Lock Loop (PLL) of primary oscillator
- Secondary Oscillator (32 kHz) clock input
• In-Circuit Serial ProgrammingTM (ICSPTM) via two pins
Flash Technology:
• Low-power, high-speed Enhanced Flash technology
• Fully static design
• Wide operating voltage range (2.0V to 5.5V)
• Industrial and Extended temperature ranges
28/40-Pin High-Performance, Enhanced Flash
Microcontrollers with CAN


Similar Part No. - PIC18F248ESOSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F248ESOSQTP MICROCHIP-PIC18F248ESOSQTP Datasheet
5Mb / 384P
   High Performance, 28/40-Pin Enhanced FLASH Microcontrollers with CAN
2002
More results

Similar Description - PIC18F248ESOSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18FXX8 MICROCHIP-PIC18FXX8_06 Datasheet
6Mb / 402P
   28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
2006
PIC18F258 MICROCHIP-PIC18F258 Datasheet
5Mb / 384P
   High Performance, 28/40-Pin Enhanced FLASH Microcontrollers with CAN
2002
PIC16F877A MICROCHIP-PIC16F877A Datasheet
3Mb / 234P
   28/40-pin Enhanced FLASH Microcontrollers
2003
PIC16LF876A-I MICROCHIP-PIC16LF876A-I Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F876AT-I-SO MICROCHIP-PIC16F876AT-I-SO Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877A-IL MICROCHIP-PIC16F877A-IL Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877AT-I-PTG MICROCHIP-PIC16F877AT-I-PTG Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F873A-ISP MICROCHIP-PIC16F873A-ISP Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
2001-2013
PIC16F877A-E MICROCHIP-PIC16F877A-E Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16LF877A-I MICROCHIP-PIC16LF877A-I Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com