Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1407788 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1407788
Description  Sensor/Actuator cable - SAC-5P- 3,0-PUR/FS SH SCO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407788 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 1407788 Datasheet HTML 2Page - PHOENIX CONTACT 1407788 Datasheet HTML 3Page - PHOENIX CONTACT 1407788 Datasheet HTML 4Page - PHOENIX CONTACT 1407788 Datasheet HTML 5Page - PHOENIX CONTACT 1407788 Datasheet HTML 6Page - PHOENIX CONTACT 1407788 Datasheet HTML 7Page - PHOENIX CONTACT 1407788 Datasheet HTML 8Page - PHOENIX CONTACT 1407788 Datasheet HTML 9Page - PHOENIX CONTACT 1407788 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
https://www.phoenixcontact.com/us/products/1407788
08/02/2016   Page 9 / 10
Sensor/Actuator cable - SAC-5P- 3,0-PUR/FS SH SCO - 1407788
Accessories
Stripping tool - WIREFOX SAC-1 - 1212757
Stripping pliers, for halogen-free sensor/actuator cables (SAC cables), with PUR and PVC insulation, from Ø of 3.2 to 4.4
mm, any stripping length
 
 
Stripping tool - WIREFOX SAC - 1212623
Stripping pliers, for halogen-free sensor/actuator cables (SAC cables), with PUR and PVC insulation, from Ø of 4.4 to 7
mm, any stripping length
 
 
Stripping tool - WIREFOX 10 - 1212150
Stripping tool, for cables and conductors from 0.02 - 10 mm², self-adjusting, stripping length of up to 18 mm, cutting
capacity of up to 10 mm² stranded/1.5 mm² solid, replaceable stripping blade
 
 
Torque tool
Torque screwdriver - TSD 04 SAC - 1208429
Torque screwdriver, with preset torque of 0.4 Nm and 4 mm hexagonal drive for M12 connectors
 
 
Torque screwdriver - TSD-M 1,2NM - 1212224
Torque screw driver, accuracy as per EN ISO 6789 standard, adjustable from 0.3 ‑ 1.2 Nm
 
 


Similar Part No. - 1407788

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407787 PHOENIX-1407787 Datasheet
137Kb / 10P
   Sensor/Actuator cable - SAC-5P- 1,5-PUR/FS SH SCO
1407789 PHOENIX-1407789 Datasheet
137Kb / 10P
   Sensor/Actuator cable - SAC-5P- 5,0-PUR/FS SH SCO
More results

Similar Description - 1407788

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407790 PHOENIX-1407790 Datasheet
137Kb / 10P
   Sensor/Actuator cable - SAC-5P-10,0-PUR/FS SH SCO
1407787 PHOENIX-1407787 Datasheet
137Kb / 10P
   Sensor/Actuator cable - SAC-5P- 1,5-PUR/FS SH SCO
1407789 PHOENIX-1407789 Datasheet
137Kb / 10P
   Sensor/Actuator cable - SAC-5P- 5,0-PUR/FS SH SCO
1476892 PHOENIX-1476892 Datasheet
2Mb / 8P
   SAC-5P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476902 PHOENIX-1476902 Datasheet
1Mb / 8P
   SAC-5P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476898 PHOENIX-1476898 Datasheet
433Kb / 8P
   SAC-5P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
1476886 PHOENIX-1476886 Datasheet
1Mb / 8P
   SAC-5P- 3,0-PUR/P12FR SH - Sensor/actuator cable
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
   Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1400570 PHOENIX-1400570 Datasheet
77Kb / 4P
   Sensor/actuator cable - SAC-5P- 2,0-PUR/FS SCO BK
12/03/2018
1417901 PHOENIX-1417901 Datasheet
108Kb / 5P
   Sensor/Actuator cable - SAC-5P-MS/ 3,0-542/ FS SCO BK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com