Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASPI-4020S-560 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-4020S-560
Description  Wire Wound Magnetically Shielded SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-4020S-560 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-4020S-560 Datasheet HTML 1Page - Abracon Corporation ASPI-4020S-560 Datasheet HTML 2Page - Abracon Corporation ASPI-4020S-560 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ASPI-4020S
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 |www.abracon.com
Revised: 03.07.13
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Magnetically Shielded SMD Power Inductor
:
4.0 x 4.0 x 2.0 mm
ABRACON IS
ISO9001:2008
CERTIFIED
REFLOW PROFILE:
:
Dimensions: mm
TAPE & REEL:
Materials
No
Components
Material
1
Ferrite Core
Ni-Zn Ferrite
2
Wire
Polyurethane System enameled copper
wire
3
Magnetic Glue
Epoxy resin and magnetic powder
4
Plating Electrodes
Plating: Ag/Ni/Sn
5
Outer Electrodes
Top surface solder coating:
Sn96.5%/Ag3%/Cu0.5%
T: 3,000pcs / reel
A0
B0
W
E
F
P0
P1
P2
D0
T
K
4.3±0.1
4.3±0.1
12.0±0.3
1.75±0.1
5.5±0.1
4.0±0.1
8.0±0.1
2.0±0.1
1.5+0.1/-0.0
0.4±0.03
2.4±0.1
FIg.9.1.3
Max<18.4mm
12.4+0.2/0.0mm
Ø13.0+0.2/-0.0
2.3±0.2
Storage Conditions
a. To maintain the solderability of terminal electrodes and to keep the packing material in good condition, temperature and
humidity in the storage area should be controlled.
b. Recommended conditions: -10oC ~ +40 oC, 70% RH (Max.)
c. Even under ideal storage conditions, solderability of products electrodes may decrease as time passes. For this reason, product
should be used with one year from the time of delivery.
d. In case of storage over 12 months, solderability shall be checked before actual usage.
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
Preheat condition: 150 ~200˚C /60~120sec.
∆ Allowed time above 217˚C: 60~90sec.
∆ Max temp: 260˚C
∆ Max time at max temp: 5sec.
∆ Solder paste: Sn/3.0Ag/0.5Cu
∆ Allowed Reflow time: 2x max
Pb RoHS/RoHS II Compliant


Similar Part No. - ASPI-4020S-560

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-4020HI ABRACON-ASPI-4020HI Datasheet
1Mb / 3P
   Shielded Power Inductor
01.30.14
ASPI-4020HI-1R0 ABRACON-ASPI-4020HI-1R0 Datasheet
1Mb / 3P
   Shielded Power Inductor
01.30.14
ASPI-4020HI-1R5 ABRACON-ASPI-4020HI-1R5 Datasheet
1Mb / 3P
   Shielded Power Inductor
01.30.14
ASPI-4020HI-2R2 ABRACON-ASPI-4020HI-2R2 Datasheet
1Mb / 3P
   Shielded Power Inductor
01.30.14
ASPI-4020HI-3R3 ABRACON-ASPI-4020HI-3R3 Datasheet
1Mb / 3P
   Shielded Power Inductor
01.30.14
More results

Similar Description - ASPI-4020S-560

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-2010HC ABRACON-ASPI-2010HC Datasheet
1Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2012 ABRACON-ASPI-2012 Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
12.18.13
ASPI-4030S ABRACON-ASPI-4030S Datasheet
2Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
03.09.13
ASPI-6045S ABRACON-ASPI-6045S Datasheet
2Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.05.14
ASPI-8040S ABRACON-ASPI-8040S Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.03.14
ASPI-2010 ABRACON-ASPI-2010 Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
logo
HALO Electronics, Inc.
HPC104N-R22MTR HALO-HPC104N-R22MTR Datasheet
1,019Kb / 6P
   SMD, Magnetically Shielded Power Inductor
logo
Sumida Corporation
252010CDMCDS SUMIDA-252010CDMCDS Datasheet
155Kb / 2P
   SMD Power Inductor, Magnetically shielded
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
   WIRE WOUND SMD INDUCTOR
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com