Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81255MNTXG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP81255MNTXG
Description  Single?륯hase Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81255MNTXG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP81255MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81255MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81255MNTXG Datasheet HTML 9Page - ON Semiconductor NCP81255MNTXG Datasheet HTML 10Page - ON Semiconductor NCP81255MNTXG Datasheet HTML 11Page - ON Semiconductor NCP81255MNTXG Datasheet HTML 12Page - ON Semiconductor NCP81255MNTXG Datasheet HTML 13Page - ON Semiconductor NCP81255MNTXG Datasheet HTML 14Page - ON Semiconductor NCP81255MNTXG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NCP81255
www.onsemi.com
11
GENERAL
The NCP81255 is a single phase IMVP8 Intel proprietary
interface controller with a built in gate driver. The controller
makes use of a digitally enhanced high performance current
mode RPM control method that provides excellent transient
response while minimizing transient aliasing. The average
operating frequency is digitally stabilized to remove
frequency drift under all continuous mode operating
conditions. At light load the NCP81255 automatically
transitions into DCM operation to save power.
Serial VID Interface (Intel proprietary interface)
For Intel proprietary interface communication details
please contact Intel®, Inc.
Switching Frequency, Intel proprietary interface
Address, and Boot Voltage Programming
FSW, address, and VBOOT are during power up on
a single pin. A 10
mA current is sourced from the pin and the
resulting voltage is measured. This is compared with the
thresholds and the corresponding values for FSW, VBOOT,
and Intel proprietary interface address are configured. These
values are programmed on power up and cannot be changed
after the initial power up sequence is complete.
Table 5. SWITCHING FREQUENCY
Resistor
FSW
Address
VBOOT
1
10 k
W
1.2 MHz
0
0V
2
13 k
W
1.1 MHz
0
0V
3
16 k
W
1.0 MHz
0
0V
4
19.2 k
W
900 kHz
0
0V
5
22.5 k
W
800 kHz
0
0V
6
26 k
W
700 kHz
0
0V
7
29.6 k
W
600 kHz
0
0V
8
33.5 k
W
1.2 MHz
1
0V
9
37.4 k
W
1.1 MHz
1
0V
10
41.5 k
W
1.0 MHz
1
0V
11
45.8 k
W
900 kHz
1
0V
12
50.2 k
W
800 kHz
1
0V
13
54.8 k
W
700 kHz
1
0V
14
59.5 k
W
600 kHz
1
0V
15
64.5 k
W
1.2 MHz
2
1.05 V
16
69.6 k
W
1.1 MHz
2
1.05 V
17
75 k
W
1.0 MHz
2
1.05 V
18
80.6 k
W
900 kHz
2
1.05 V
19
86.5 k
W
800 kHz
2
1.05 V
20
92.6 k
W
700 kHz
2
1.05 V
21
99 k
W
600 kHz
2
1.05 V
22
105.5 k
W
1.2 MHz
3
0V
23
112.5 k
W
1.1 MHz
3
0V
24
119.6 k
W
1.0 MHz
3
0V
25
127 k
W
900 kHz
3
0V
26
134.8 k
W
800 kHz
3
0V
27
143 k
W
700 kHz
3
0V
28
151.4 k
W
600 kHz
3
0V
29
160.3 k
W
700kHz
0
1.05 V
30
169.5 k
W
700kHz
1
1.05 V
31
180 k
W
700 kHz
2
0V
32
210 k
W
700 kHz
3
1.05 V


Similar Part No. - NCP81255MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81250MNTXG ONSEMI-NCP81250MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251MNTXG ONSEMI-NCP81251MNTXG Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
More results

Similar Description - NCP81255MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81233 ONSEMI-NCP81233 Datasheet
320Kb / 44P
   Multi?륯hase Controller
March, 2017 ??Rev. P1
LA6583MC ONSEMI-LA6583MC Datasheet
188Kb / 8P
   Fan Motor Driver, BTL Driver Single?륯hase Full?륹ave
February, 2018 ??Rev. 1
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP3284 ONSEMI-NCP3284 Datasheet
383Kb / 13P
   Single-Phase Voltage Regulator
February, 2021 ??Rev. 7
NCP81242 ONSEMI-NCP81242 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
LB1863M ONSEMI-LB1863M_18 Datasheet
234Kb / 9P
   Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
logo
International Rectifier
IR3897M IRF-IR3897M_15 Datasheet
2Mb / 47P
   Single?륤nput Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
   Single-Input Voltage, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com