Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81246 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP81246
Description  Three-Rail Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81246 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP81246_16 Datasheet HTML 6Page - ON Semiconductor NCP81246_16 Datasheet HTML 7Page - ON Semiconductor NCP81246_16 Datasheet HTML 8Page - ON Semiconductor NCP81246_16 Datasheet HTML 9Page - ON Semiconductor NCP81246_16 Datasheet HTML 10Page - ON Semiconductor NCP81246_16 Datasheet HTML 11Page - ON Semiconductor NCP81246_16 Datasheet HTML 12Page - ON Semiconductor NCP81246_16 Datasheet HTML 13Page - ON Semiconductor NCP81246_16 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
NCP81246
www.onsemi.com
10
Table 5. ELECTRICAL CHARACTERISTICS − 2-PHASE RAIL SPECIFIC
(Unless otherwise stated: −40
°C<TA < 100°C; 4.75 V < VCC < 5.25 V; CVCC = 0.1 mF)
Parameter
Test Conditions
Min
Typ
Max
Unit
DIFFERENTIAL SUMMING AMP
Input Bias Current
VSP = VSN = 1.3 V
−25
25
nA
VSP Input Voltage Range
−0.3
3
V
VSN Input Voltage Range
−0.3
0.3
V
−3dB Bandwidth
CL = 20 pF, RL = 10 kW
22.5
MHz
Closed Loop DC Gain
VSP − VSN = 0.5 V to 1.3 V
1
V/V
ERROR AMPLIFIER
Input Bias Current
@1.3 V
−400
400
nA
Open Loop DC Gain
CL = 20 pF, RL = 10 kW
80
dB
Open Loop Unity Gain Bandwidth
CL = 20 pF, RL = 10 kW
20
MHz
Slew Rate
DVIN = 100 mV, G = −10 V/V
DVOUT = 1.5 V to 2.5 V, CL = 20 pF,
RL = 10 kW
5
V/
ms
Maximum Output Voltage
ISOURCE = 2.0 mA
4
V
Minimum Output Voltage
ISINK = 2.0 mA
0.9
V
CURRENT SUMMING AMPLIFIER
Input Bias Current
CSSUM = CSREF = 1.0 V
−8
8
mA
Offset Voltage (Vos) (Note 4)
−2.5
2.5
mV
Open Loop Gain
80
dB
Open Loop Unity Gain Bandwidth
CL = 20 pF, RL = 10 kW
10
MHz
Maximum Output Voltage
ISOURCE = 2.0 mA
3.5
V
Minimum Output Voltage
ISINK = 0.5 mA
0.1
V
CURRENT BALANCE AMPLIFIERS
Input Bias Current
CSP1/2 = CSREF = 1.2 V
−50
50
nA
Common Mode Input Voltage Range
CSP1/2 = CSREF
0
2.3
V
Differential Mode Input Voltage
Range
CSREF = 1.2 V
−100
100
mV
Input Offset Voltage Matching
CSP1/2 = CSREF = 1.2 V
Measured from Average.
−1.6
1.6
mV
Current Sense Amplifier Gain
0 V < CSP1/2 − CSREF < 0.1 V
5.7
6
6.3
V/V
Multiphase Current Sense Gain
Matching
CSP1/2 = CSREF = 10 mV to 30 mV
−3.5
3.5
%
−3dB Bandwidth
6
MHz
OVER−CURRENT PROTECTION
ILIM Threshold Current
(Delayed OCP Shutdown)
PS0
8.5
10
11.5
mA
PS1, PS2, PS3
6.67
mA
ILIM Threshold Current
(Immediate OCP Shutdown)
PS0
13
15
17
mA
PS1, PS2, PS3
10
mA
Shutdown Delay
Immediate
300
ns
Shutdown Delay
Delayed
50
ms
ILIM Output Voltage Offset
ILIM sourcing 15 mA
Measured relative to CSREF
−1.5
1.5
mV


Similar Part No. - NCP81246_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81246 ONSEMI-NCP81246_18 Datasheet
185Kb / 28P
   Three-Rail Controller
February, 2018 ??Rev. 6
More results

Similar Description - NCP81246_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81248 ONSEMI-NCP81248 Datasheet
311Kb / 27P
   Three-Rail Controller
July, 2016 ??Rev. 1
NCP81246 ONSEMI-NCP81246_18 Datasheet
185Kb / 28P
   Three-Rail Controller
February, 2018 ??Rev. 6
NCP81246 ONSEMI-NCP81246 Datasheet
193Kb / 28P
   Three-Rail Controller
December, 2015 ??Rev. 0
NCP81245 ONSEMI-NCP81245 Datasheet
279Kb / 24P
   Three-Rail Output Controller
July, 2016 ??Rev. 5
NCP81245 ONSEMI-NCP81245_17 Datasheet
286Kb / 24P
   Three-Rail Output Controller
January, 2017 ??Rev. 6
NCP81248 ONSEMI-NCP81248_18 Datasheet
311Kb / 27P
   Three-Rail Controller Intel Proprietary Interface
February, 2018 ??Rev. 3
logo
Exar Corporation
XR46084ESFTR-ADJ EXAR-XR46084ESFTR-ADJ Datasheet
97Kb / 3P
   Three Terminal Current Controller
logo
ON Semiconductor
CS5304 ONSEMI-CS5304 Datasheet
247Kb / 19P
   Three-Phase Buck Controller
September, 2011 ??Rev. 0
logo
celduc-relais
SGTA4653 CELDUC-SGTA4653 Datasheet
325Kb / 5P
   THREE PHASE ANGLE CONTROLLER
logo
Altera Corporation
ED8101 ALTERA-ED8101 Datasheet
958Kb / 23P
   Single-Rail PWM controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com