Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASPI-2510-2R2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-2510-2R2
Description  Low Profile Shielded SMD Chip Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-2510-2R2 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-2510-2R2 Datasheet HTML 1Page - Abracon Corporation ASPI-2510-2R2 Datasheet HTML 2Page - Abracon Corporation ASPI-2510-2R2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-2510 series
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
FEATURES:
APPLICATIONS:
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.
2.5 x 2.0 x 1.0mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
Low Profile Shielded SMD Chip Power Inductor
Abracon P/N:
ASPI-2510 Series
Operating Temperature & Humidity :
Storage Temperature & Humidity:
• Small size and low profile: 1.0mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
Test Conditions
1. Inductance is measured in HP-4285A Precision LCR Meter.
2. RDC is measured in DU-5011 milli ohm meter.(or equivalent).
3. Isat : Based on inductance change (∆ L/Lo :≤ -30%)
4. Irms : Based on temperature rise (∆ T : 40oC TYP. )
5. Test Freq: 100KHz, 1Vrms
-10˚C to +40˚C, 30% to 70% RH
-25˚C to +120˚C (Including self generated heat)
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 09.06.11
Visit www.abracon.com for Terms & Conditions of Sale
Part Number
Inductance
DCR
Saturation
Current
Temperature
Rise Current
Units
μH
mΩ ± 20%
A
A
Symbol
L
DCR
Isat*
Irms*
ASPI-2510-R47
0.47
38
2.50
2.65
ASPI-2510-R68
0.68
52
2.05
2.20
ASPI-2510-1R0
1.0
70
1.75
1.90
ASPI-2510-1R5
1.5
107
1.45
1.50
ASPI-2510-2R2
2.2
158
1.20
1.20
ASPI-2510-3R3
3.3
229
0.94
1.00
ASPI-2510-4R7
4.7
332
0.80
0.82
ASPI-2510-6R8
6.8
443
0.68
0.71
ASPI-2510-100
10.0
712
0.56
0.55
ASPI-2510-
-
*N for L = 0.47~1.5µH
*M for L = 2.2 ~ 10µH
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T2: Tape and Reel (2kpcs / reel)
Tolerance
N: ±30%*
M: ±20%*


Similar Part No. - ASPI-2510-2R2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-2512 ABRACON-ASPI-2512 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
08.18.11
ASPI-2512-100 ABRACON-ASPI-2512-100 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
08.18.11
ASPI-2512-1R0 ABRACON-ASPI-2512-1R0 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
08.18.11
ASPI-2512-1R5 ABRACON-ASPI-2512-1R5 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
08.18.11
ASPI-2512-2R2 ABRACON-ASPI-2512-2R2 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
08.18.11
More results

Similar Description - ASPI-2510-2R2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
01.31.13
ASPI-0312FS ABRACON-ASPI-0312FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-5040S ABRACON-ASPI-5040S Datasheet
1Mb / 3P
   Low Profile Shielded SMD Chip Power Inductor
01.24.12
ASPI-0410FS ABRACON-ASPI-0410FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
09.23.13
ASPI-0418FS ABRACON-ASPI-0418FS Datasheet
1Mb / 3P
   LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.28.12-C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com