Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5504 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5504
Description  250 mA Dual Output Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5504 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5504_13 Datasheet HTML 2Page - ON Semiconductor NCP5504_13 Datasheet HTML 3Page - ON Semiconductor NCP5504_13 Datasheet HTML 4Page - ON Semiconductor NCP5504_13 Datasheet HTML 5Page - ON Semiconductor NCP5504_13 Datasheet HTML 6Page - ON Semiconductor NCP5504_13 Datasheet HTML 7Page - ON Semiconductor NCP5504_13 Datasheet HTML 8Page - ON Semiconductor NCP5504_13 Datasheet HTML 9Page - ON Semiconductor NCP5504_13 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCP5504, NCV5504
http://onsemi.com
9
APPLICATION INFORMATION
Introduction
The NCP5504/NCV5504 are high performance dual
output, 250 mA linear regulators suitable for post regulation
and power sensitive battery−operated applications. They
feature 2.0% accuracy over the operating temperature
range. With one fixed output voltage at 3.3 V, and one
adjustable output voltage ranging from 1.25 V to 5.0 V, the
dropout voltage is 250 mV typical. Additional features, such
as an architecture that allows for low noise on the fixed
output without a bypass capacitor, provides for an attractive
LDO solution for audio visual equipment, instrumentation,
computing and networking applications, and automotive
electronics. It is thermally robust and is offered in a 5 pin
DPAK Pb−Free package.
Capacitor Selection
The recommended input capacitor types are tantalum and
aluminum electrolytic ranging from 4.7
mF to 100 mF. It is
especially required if the power source is located more than
a few inches from the NCP5504/NCV5504. This capacitor
will reduce device sensitivity and enhance the output
transient response time. The PCB layout is very important
and in order to obtain the optimal solution, the Vin and GND
traces should be sufficiently wide to minimize noise and
unstable operation.
For the adjustable output pin, Cn ranges from 200 pF and
1.0 nF.
The output capacitor range is between 1.0
mF and 22 mF.
For PCB layout considerations, place the capacitor close to
the output pin and keep the leads short.
Adjustable Output Operation
The application circuit for the adjustable output version is
shown in Figure 2. Vout2 is calculated based on the following
equation:
Vout2 + 1.25 V * 1 ) R2
R1
In order to maintain high accuracy on the adjustable
output, R1 values should be < 30 k
W.
ORDERING INFORMATION
Device
Package
Shipping
NCP5504DTRKG
DPAK
(Pb−Free)
2500 / Tape and Reel
NCV5504DTRKG*
DPAK
(Pb−Free)
2500 / Tape and Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable


Similar Part No. - NCP5504_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
More results

Similar Description - NCP5504_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com