Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASPI-1005-120 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-1005-120
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1005-120 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-1005-120 Datasheet HTML 1Page - Abracon Corporation ASPI-1005-120 Datasheet HTML 2Page - Abracon Corporation ASPI-1005-120 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TAPE & REEL:
ATTENTION:Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automo-
tive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requir-
ing high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
ASPI-1005
RoHS
Compliant
332
0
3
n
a
Esper za, Rancho Santa Margarita, C lifornia
a
688
2
9
tel 949-546-8000| fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
| www.
Revised: 02.22.12
Visit
www.abracon.comfor Terms & Conditions of Sale
10.0 x 9.0 x 5.4mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
SMD Power Inductor
T: 500pcs / reel
Dimension: mm
CARRIER TAPE / SIZE (mm)
REEL 13"×24mm
A0
B0
K0
F
E
W
P
Po
P2
t
A
B
C
D
9.3 ±
0.1
10.3 ±
0.1
5.8 ±
0.1
11.5 ±
0.1
1.75 ±
0.1
24 ±
0.3
12 ±
0.1
4 ±
0.1
2 ±
0.1
0.4±
0.05
24.5 ±
0.2
100 ±
0.5
13.2 ±
0.3
330 ±
1.0


Similar Part No. - ASPI-1005-120

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1004 ABRACON-ASPI-1004 Datasheet
2Mb / 3P
   SMD Power Inductor
03.13.12
ASPI-1004-100 ABRACON-ASPI-1004-100 Datasheet
2Mb / 3P
   SMD Power Inductor
03.13.12
ASPI-1004-101 ABRACON-ASPI-1004-101 Datasheet
2Mb / 3P
   SMD Power Inductor
03.13.12
ASPI-1004-120 ABRACON-ASPI-1004-120 Datasheet
2Mb / 3P
   SMD Power Inductor
03.13.12
ASPI-1004-121 ABRACON-ASPI-1004-121 Datasheet
2Mb / 3P
   SMD Power Inductor
03.13.12
More results

Similar Description - ASPI-1005-120

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com