Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5661DT25RKG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5661DT25RKG
Description  Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5661DT25RKG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5661DT25RKG Datasheet HTML 1Page - ON Semiconductor NCP5661DT25RKG Datasheet HTML 2Page - ON Semiconductor NCP5661DT25RKG Datasheet HTML 3Page - ON Semiconductor NCP5661DT25RKG Datasheet HTML 4Page - ON Semiconductor NCP5661DT25RKG Datasheet HTML 5Page - ON Semiconductor NCP5661DT25RKG Datasheet HTML 6Page - ON Semiconductor NCP5661DT25RKG Datasheet HTML 7Page - ON Semiconductor NCP5661DT25RKG Datasheet HTML 8Page - ON Semiconductor NCP5661DT25RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCP5661, NCV5661
www.onsemi.com
5
Figure 1. Typical Schematic, Adjustable Output Version
Voltage
Reference
Block
Vref = 0.9 V
Output
Stage
Cin
R1
R2
Vout
ADJ
GND
IN
GND
Figure 2. Typical Schematic, Fixed Output Version
Enable
Block
R3
R4
EN
ON
OFF
Voltage
Reference
Block
Vref = 0.9 V
Output
Stage
R1
R2
Vout
GND
IN
Cc
GND
Enable
Block
R3
R4
EN
ON
OFF
Rflag = 100 k
W
Error
Flag
EF
R1
+ R2
Vout
Vref
* 1
CC*
Vin
Cin
Cout
Vin
Cout
*CC = 5.0 to 200 pF


Similar Part No. - NCP5661DT25RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661DT25RKG ONSEMI-NCP5661DT25RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
More results

Similar Description - NCP5661DT25RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
logo
Unisonic Technologies
LR1107 UTC-LR1107 Datasheet
221Kb / 6P
   600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1812 UTC-LR1812 Datasheet
243Kb / 6P
   1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108 UTC-LR1108_12 Datasheet
250Kb / 6P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com