Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASPI-0703S-681 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0703S-681
Description  SHIELDED POWER INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0703S-681 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0703S-681 Datasheet HTML 1Page - Abracon Corporation ASPI-0703S-681 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHIELDED POWER INDUCTOR
|||||||||||| | | |
ASPI-0703S
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
7.3 x 7.3 x 3.2mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 04.27.12
Visit www.abracon.com for Terms & Conditions of Sale
PARAMETERS
ABRACON P/N:
ASPI-0703S-xxx Series
Operating temperature :
Storage temperature :
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
-40ºC to +85ºC
• High saturation
• Magnetic shielding
• Very small footprint
• Flat-top for pick and place
• Low resistance to keep power loss minimum
• Palm-top and laptop
• LCD TV
• Power line DC to DC converters used in
hard drive, notebook computer
PART NUMBER
INDUCTANCE (uH)
Tolerance
DCR ( ) max
Isat (A) max
Irms (A) max
ASPI-0703S-2R2
2.2
M
0.032
5.00
3.20
ASPI-0703S-100
10
M
0.072
1.68
1.72
ASPI-0703S-120
12
M
0.098
1.52
1.56
ASPI-0703S-150
15
M
0.130
1.33
1.36
ASPI-0703S-180
18
M
0.140
1.20
1.23
ASPI-0703S-220
22
M
0.190
1.07
1.15
ASPI-0703S-270
27
M
0.210
0.96
1.03
ASPI-0703S-330
33
M
0.240
0.91
0.98
ASPI-0703S-390
39
M
0.320
0.77
0.83
ASPI-0703S-470
47
M
0.360
0.76
0.79
ASPI-0703S-560
56
M
0.470
0.68
0.71
ASPI-0703S-680
68
M
0.520
0.61
0.65
ASPI-0703S-820
82
M
0.690
0.57
0.61
ASPI-0703S-101
100
M
0.790
0.50
0.58
ASPI-0703S-121
120
M
0.890
0.49
0.57
ASPI-0703S-151
150
M
1.270
0.43
0.50
ASPI-0703S-181
180
M
1.450
0.39
0.45
ASPI-0703S-221
220
M
1.650
0.35
0.41
ASPI-0703S-271
270
M
2.310
0.32
0.37
ASPI-0703S-331
330
M
2.620
0.28
0.32
ASPI-0703S-391
390
M
2.940
0.26
0.30
ASPI-0703S-471
470
M
4.180
0.24
0.28
ASPI-0703S-561
560
M
4.670
0.22
0.26
ASPI-0703S-681
680
M
5.730
0.19
0.22
ASPI-0703S-821
820
M
6.540
0.18
0.18
ASPI-0703S-102
1000
M
9.440
0.16
0.16
Test Conditions
Inductance: 1kHz
Isat: ∆L/L (initial) ≥ -20%
Irms: T ≤ 40˚C
25˚C, Humidity < 75% RH
ASPI-0703S -
-
Inductance Code
Please refer to the table above
Tolerance %
M: ± 20%
Packaging
T: Tape and Reel (1,000pcs / reel)


Similar Part No. - ASPI-0703S-681

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0703 ABRACON-ASPI-0703 Datasheet
2Mb / 3P
   SMD Power Inductor
03.14.12
ASPI-0703-100 ABRACON-ASPI-0703-100 Datasheet
2Mb / 3P
   SMD Power Inductor
03.14.12
ASPI-0703-101 ABRACON-ASPI-0703-101 Datasheet
2Mb / 3P
   SMD Power Inductor
03.14.12
ASPI-0703-120 ABRACON-ASPI-0703-120 Datasheet
2Mb / 3P
   SMD Power Inductor
03.14.12
ASPI-0703-121 ABRACON-ASPI-0703-121 Datasheet
2Mb / 3P
   SMD Power Inductor
03.14.12
More results

Similar Description - ASPI-0703S-681

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com