Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4371ACCDR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP4371ACCDR2G
Description  Qualcomm Quick Charge 3.0 HVDCP Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4371ACCDR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP4371ACCDR2G Datasheet HTML 5Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 6Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 7Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 8Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 9Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 10Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 11Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 12Page - ON Semiconductor NCP4371ACCDR2G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP4371
www.onsemi.com
10
BC over
D−initial low
Short D+/D−
open D− pull−down
START
Power−On
Reset
Open D+/D−
D− pull−down
BC Done
HVDCP
Discrete
HVDCP
Continuous
5 V request
9 V request
12 V request
20 V request
5 V request
increment
request
decrement
request
Figure 17. NCP4371 State Diagram
VBUS = 5 V
VBUS = 5 V
VBUS = 20 V
unplug
VBUS = 12 V
VBUS = 9 V
VBUS = VBUS − 200 mV
min. 3.6 V
VBUS = VBUS + 200 mV
max. 12 V/20 V for class A/B


Similar Part No. - NCP4371ACCDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4371ACCDR2G ONSEMI-NCP4371ACCDR2G Datasheet
164Kb / 14P
   3.0 HVDCP Controller
September, 2015 ??Rev. P0
More results

Similar Description - NCP4371ACCDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4371 ONSEMI-NCP4371 Datasheet
164Kb / 14P
   3.0 HVDCP Controller
September, 2015 ??Rev. P0
logo
Diodes Incorporated
AP4373A DIODES-AP4373A Datasheet
459Kb / 10P
   QUICK CHARGER CONTROLLER SUPPORT QUALCOMM QC2.0
Rev. 4 - 2 May 2020
AP43331N DIODES-AP43331N Datasheet
537Kb / 11P
   QUICK CHARGER CONTROLLER COMPATIBLE WITH QUALCOMM QC3.0
logo
Renesas Technology Corp
IW662 RENESAS-IW662 Datasheet
566Kb / 7P
   AC/DC Secondary-Side Synchronous Rectification and Rapid ChargeTM Interface Controller for Qualcomm® Quick Charge™ 3.0
09-Feb-2022
logo
Diodes Incorporated
AP4370 DIODES-AP4370 Datasheet
682Kb / 12P
   DECODING IC COMPATIBLE TO QUALCOMM QUICK CHARGE 2.0 PROTOCOL
AP3171 DIODES-AP3171 Datasheet
325Kb / 8P
   QUICK CHARGE BUCK CONVERTER COMPATIBLE TO QUALCOMM QC 2.0
July 2020
logo
Renesas Technology Corp
IW636 RENESAS-IW636 Datasheet
556Kb / 7P
   AC/DC Secondary-Side Controller for Qualcomm® Quick ChargeTM 3.0 USB Interface
01-Feb-2022
logo
Tripp Lite. All Rights ...
U280-C02-S-QC3 TRIPPLITE-U280-C02-S-QC3 Datasheet
159Kb / 3P
   Dual-Port USB Car Charger for Tablets and Cell Phones with Qualcomm Quick Charge 3.0 Technology
logo
Megawin Technology Co.,...
MG26P700 MEGAWIN-MG26P700 Datasheet
353Kb / 8P
   USB Voltage Position Controller with Quick Charge
logo
Dialog Semiconductor
IW620 DIALOG-IW620 Datasheet
277Kb / 4P
   Quick Charge 2.0 USB Adaptive Voltage Position Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com