Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASPI-0602S Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0602S
Description  SMD SHIELDED POWER INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0602S Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0602S Datasheet HTML 1Page - Abracon Corporation ASPI-0602S Datasheet HTML 2Page - Abracon Corporation ASPI-0602S Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI - 0602S
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 07.02.14
Visit www.abracon.com for Terms & Conditions of Sale
SMD SHIELDED POWER INDUCTOR
ELECTRICAL SPECIFICATIONS:
• Excellent for power line DC-DC
• Conversion applications used in hard disk
notebook computers and other electronic equipment .
• Magnetically shielded, surface mount inductor
• Large DC current & low DC resistance
• Compact size: 6.7 x 6.7 x 3.0mm
APPLICATIONS:
FEATURES:
OPTIONS AND PART IDENTIFICATION:
6.7 x 6.7 x 3.0mm
Part Number
ASPI-0602S-
Inductance Code
Inductance
Tolerance
DC Resistance
Max
IDC
Max
(μH)
(%)
(Ω)
(A)
ASPI-0602S-3R0
3.0
M
0.024
3.00
ASPI-0602S-3R3
3.3
M
0.040
3.00
ASPI-0602S-3R9
3.9
M
0.027
2.60
ASPI-0602S-5R0
5.0
M
0.031
2.40
ASPI-0602S-6R0
6.0
M
0.035
2.25
ASPI-0602S-7R3
7.3
M
0.054
2.10
ASPI-0602S-8R6
8.6
M
0.058
1.85
ASPI-0602S-100
10
M
0.065
1.70
ASPI-0602S-120
12
M
0.070
1.55
ASPI-0602S-150
15
M
0.084
1.40
ASPI-0602S-180
18
M
0.095
1.32
ASPI-0602S-220
22
M
0.128
1.20
ASPI-0602S-270
27
M
0.142
1.05
ASPI-0602S-330
33
M
0.165
0.97
ASPI-0602S-390
39
M
0.210
0.86
ASPI-0602S-470
47
M
0.238
0.80
ASPI-0602S-560
56
M
0.277
0.73
ASPI-0602S-680
68
M
0.304
0.65
ASPI-0602S-820
82
M
0.390
0.60
ASPI-0602S-101
100
M
0.535
0.54
Test Conditions
1. Inductance: 10kHz, 0.25V
2. IDC: Inductance decreases to 65% of initial value or temperature of coil increased by 30oC
Operating Temperature: -40˚C to +85˚C
Storage Temperature: -40˚C to +85˚C, 70% RH max.
Pb RoHS / RoHS II Compliant
ASPI-0602S -
-
Inductance Code
Tolerance
Code
Packaging
Please refer to the Table
M: ± 20%
T: 1kpcs/reel


Similar Part No. - ASPI-0602S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0612FS ABRACON-ASPI-0612FS Datasheet
2Mb / 3P
   Small DCR and high rated current
04.10.13
ASPI-0612FS-100 ABRACON-ASPI-0612FS-100 Datasheet
2Mb / 3P
   Small DCR and high rated current
04.10.13
ASPI-0612FS-101 ABRACON-ASPI-0612FS-101 Datasheet
2Mb / 3P
   Small DCR and high rated current
04.10.13
ASPI-0612FS-150 ABRACON-ASPI-0612FS-150 Datasheet
2Mb / 3P
   Small DCR and high rated current
04.10.13
ASPI-0612FS-220 ABRACON-ASPI-0612FS-220 Datasheet
2Mb / 3P
   Small DCR and high rated current
04.10.13
More results

Similar Description - ASPI-0602S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com