Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUP2301MW6T1D Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUP2301MW6T1D
Description  Low Capacitance Diode Array for ESD Protection in Two Data Lines
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP2301MW6T1D Datasheet(HTML) 1 Page - ON Semiconductor

  NUP2301MW6T1D Datasheet HTML 1Page - ON Semiconductor NUP2301MW6T1D Datasheet HTML 2Page - ON Semiconductor NUP2301MW6T1D Datasheet HTML 3Page - ON Semiconductor NUP2301MW6T1D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 2
1
Publication Order Number:
NUP2301MW6T1/D
NUP2301MW6T1
Low Capacitance Diode
Array for ESD Protection in
Two Data Lines
NUP2301MW6T1 is a MicroIntegration
 device designed to
provide protection for sensitive components from possible harmful
electrical transients; for example, ESD (electrostatic discharge).
Features
Low Capacitance (2.0 pf Maximum Between I/O Lines)
Single Package Integration Design
Provides ESD Protection for JEDEC Standards JESD22
Machine Model = Class C
Human Body Model = Class 3B
Protection for IEC61000−4−2 (Level 4)
8.0 kV (Contact)
15 kV (Air)
Ensures Data Line Speed and Integrity
Fewer Components and Less Board Space
Direct the Transient to Either Positive Side or to the Ground
Pb−Free Package is Available
Applications
T1/E1 Secondary IC Protection
T3/E3 Secondary IC Protection
HDSL, IDSL Secondary IC Protection
Video Line Protection
Microcontroller Input Protection
Base Stations
I2C Bus Protection
MAXIMUM RATINGS (Each Diode) (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
VRRM
70
V
Average Rectified Forward
Current (Note 1)
(Averaged over any 20 ms Period)
IF(AV)
715
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non−Repetitive Peak Forward Current
t = 1.0 ms
t = 1.0 ms
t = 1.0 S
IFSM
2.0
1.0
0.5
A
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
1. FR−5 = 1.0  0.75  0.062 in.
Device
Package
Shipping
ORDERING INFORMATION
NUP2301MW6T1
SC−88
3000/Tape & Reel
MARKING DIAGRAM
SC−88
CASE 419B
STYLE 23
68d
68 = Specific Device Code
d
= Date Code
1
6
N/C
5
VN
I/O
VP
2
5
3
4
6
5
4
I/O
N/C
1
2
3
PIN CONFIGURATION
AND SCHEMATIC
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NUP2301MW6T1G
SC−88
(Pb−Free)
3000/Tape & Reel


Similar Part No. - NUP2301MW6T1D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2301MW6T1G ONSEMI-NUP2301MW6T1G Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NUP2301MW6T1G ONSEMI-NUP2301MW6T1G Datasheet
134Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Two Data Lines
February, 2012 ??Rev. 5
More results

Similar Description - NUP2301MW6T1D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZNUP2301MW6T1G ONSEMI-SZNUP2301MW6T1G Datasheet
134Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Two Data Lines
February, 2012 ??Rev. 5
NUP4301MR6T1 ONSEMI-NUP4301MR6T1_05 Datasheet
57Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
September, 2005 ??Rev. 3
NUP4301MR6T1 ONSEMI-NUP4301MR6T1 Datasheet
44Kb / 4P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
February, 2003 - Rev. 2
NUP4304MR6 ONSEMI-NUP4304MR6 Datasheet
70Kb / 6P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
January, 2006 ??Rev. 1
NUP4304M6 ONSEMI-NUP4304M6_06 Datasheet
70Kb / 6P
   Low Capacitance Diode Array for ESD Protection in Four Data Lines
January, 2006 ??Rev. 1
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
NUP1301ML3T1 ONSEMI-NUP1301ML3T1 Datasheet
35Kb / 4P
   Low Capacitance Diode Array for ESD Protection in a Single Data Line
January, 2005 ??Rev. 4
logo
Guangdong Youtai Semico...
NUP1301 UMW-NUP1301 Datasheet
190Kb / 3P
   Low Capacitance Diode Array for ESD Protection in a Single Data Line
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com