Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5225BLT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBZ5225BLT1
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5225BLT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBZ5225BLT1 Datasheet HTML 1Page - ON Semiconductor MMBZ5225BLT1 Datasheet HTML 2Page - ON Semiconductor MMBZ5225BLT1 Datasheet HTML 3Page - ON Semiconductor MMBZ5225BLT1 Datasheet HTML 4Page - ON Semiconductor MMBZ5225BLT1 Datasheet HTML 5Page - ON Semiconductor MMBZ5225BLT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBZ5221BLT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Zener Voltage (Note 3)
Zener Impedance
Leakage Current
Device
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Device
Device
Marking
Min
Nom
Max
mA
W
W
mA
mA
Volts
MMBZ5221BL
18A
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMBZ5222BL
18B
2.37
2.5
2.63
20
30
1250
0.25
100
1
MMBZ5223BL
18C
2.56
2.7
2.84
20
30
1300
0.25
75
1
MMBZ5224BL
18D
2.66
2.8
2.94
20
30
1400
0.25
75
1
MMBZ5225BL
18E
2.85
3
3.15
20
29
1600
0.25
50
1
MMBZ5226BL
8A
3.13
3.3
3.47
20
28
1600
0.25
25
1
MMBZ5227BL
8B
3.42
3.6
3.78
20
24
1700
0.25
15
1
MMBZ5228BL
8C
3.70
3.9
4.10
20
23
1900
0.25
10
1
MMBZ5229BL
8D
4.08
4.3
4.52
20
22
2000
0.25
5
1
MMBZ5230BL
8E
4.46
4.7
4.94
20
19
1900
0.25
5
2
MMBZ5231BL
8F
4.84
5.1
5.36
20
17
1600
0.25
5
2
MMBZ5232BL
8G
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMBZ5233BL
8H
5.70
6
6.30
20
7
1600
0.25
5
3.5
MMBZ5234BL
8J
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMBZ5235BL
8K
6.46
6.8
7.14
20
5
750
0.25
3
5
MMBZ5236BL
8L
7.12
7.5
7.88
20
6
500
0.25
3
6
MMBZ5237BL
8M
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMBZ5238BL
8N
8.26
8.7
9.14
20
8
600
0.25
3
6.5
MMBZ5239BL
8P
8.64
9.1
9.56
20
10
600
0.25
3
7
MMBZ5240BL
8Q
9.50
10
10.50
20
17
600
0.25
3
8
MMBZ5241BL
8R
10.4
11
11.55
20
22
600
0.25
2
8.4
MMBZ5242BL
8S
11.40
12
12.60
20
30
600
0.25
1
9.1
MMBZ5243BL
8T
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMBZ5244BL
8U
13.30
14
14.70
9
15
600
0.25
0.1
10
MMBZ5245BL
8V
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMBZ5246BL
8W
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMBZ5247BL
8X
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMBZ5248BL
8Y
17.10
18
18.90
7
21
600
0.25
0.1
14
MMBZ5249BL
8Z
18.05
19
19.95
6.6
23
600
0.25
0.1
14
MMBZ5250BL
81A
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMBZ5251BL
81B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMBZ5252BL
81C
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMBZ5253BL
81D
23.75
25
26.25
5
35
600
0.25
0.1
19
MMBZ5254BL
81E
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMBZ5255BL
81F
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMBZ5256BL
81G
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMBZ5257BL
81H
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMBZ5258BL
81J
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMBZ5259BL
81K
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MMBZ5260BL
81L
40.85
43
45.15
3
93
900
0.25
0.1
33
MMBZ5261BL
81M
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
MMBZ5262BL
81N
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MMBZ5263BL
81P
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MMBZ5264BL
81Q
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
MMBZ5265BL
81R
58.90
62
65.10
2
185
1400
0.25
0.1
47
MMBZ5266BL
81S
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
MMBZ5267BL
81T
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
MMBZ5268BL
81U
77.90
82
86.10
1.5
330
2000
0.25
0.1
62
MMBZ5269BL
81V
82.65
87
91.35
1.4
370
2200
0.25
0.1
68
MMBZ5270BL
81W
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
3. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C
NOTE:
MMBZ5233BLT1, MMBZ5246BLT1, MMBZ5251BLT1, and MMBZ5252BLT1 Not Available in 10,000/Tape & Reel.


Similar Part No. - MMBZ5225BLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5225BLT1 LRC-MMBZ5225BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
ON Semiconductor
MMBZ5225BLT1G ONSEMI-MMBZ5225BLT1G Datasheet
172Kb / 6P
   Zener Voltage Regulators
February, 2012 ??Rev. 11
MMBZ5225BLT1G ONSEMI-MMBZ5225BLT1G Datasheet
118Kb / 6P
   Zener Voltage Regulators
October, 2016 ??Rev. 13
More results

Similar Description - MMBZ5225BLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com