Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUD3105DMT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUD3105DMT1
Description  Integrated Relay, Inductive Load Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3105DMT1 Datasheet(HTML) 2 Page - ON Semiconductor

  NUD3105DMT1 Datasheet HTML 1Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 2Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 3Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 4Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 5Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 6Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 7Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NUD3105D
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Symbol
Rating
Value
Unit
VDSS
Drain to Source Voltage − Continuous
6.0
Vdc
VGS
Gate to Source Voltage – Continuous
6.0
Vdc
ID
Drain Current – Continuous
500
mA
Ez
Single Pulse Drain−to−Source Avalanche Energy (
TJinitial = 25°C)
50
mJ
TJ
Junction Temperature
150
°C
TA
Operating Ambient Temperature
−40 to 85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
PD
Total Power Dissipation (Note 1)
Derating Above 25
°C
380
1.5
mW
mW/
°C
RqJA
Thermal Resistance Junction−to−Ambient
329
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL_STD−883, Method 3015.
Machine Model Method 200 V.
TYPICAL ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Characteristic
Min
Typ
Max
Unit
OFF CHARACTERISTICS
VBRDSS
Drain to Source Sustaining Voltage (Internally Clamped)
(ID = 10 mA)
6.0
8.0
9.0
V
BVGSO
Ig = 1.0 mA
8.0
V
IDSS
Drain to Source Leakage Current
(VDS = 5.5 V , VGS = 0 V, TJ = 25°C)
(VDS = 5.5 V, VGS = 0 V, TJ = 85°C )
15
15
mA
IGSS
Gate Body Leakage Current
(VGS = 3.0 V, VDS = 0 V)
(VGS = 5.0 V, VDS = 0 V)
5.0
35
65
mA
ON CHARACTERISTICS
VGS(th)
Gate Threshold Voltage
(VGS = VDS, ID = 1.0 mA)
(VGS = VDS, ID = 1.0 mA, TJ = 85°C)
0.8
0.8
1.2
1.4
1.4
V
RDS(on)
Drain to Source On−Resistance
(ID = 250 mA, VGS = 3.0 V)
(ID = 500 mA, VGS = 3.0 V)
(ID = 500 mA, VGS = 5.0 V)
(ID = 500 mA, VGS = 3.0 V, TJ = 85°C)
(ID = 500 mA, VGS = 5.0 V, TJ = 85°C)
1.2
1.3
0.9
1.3
0.9
W
IDS(on)
Output Continuous Current
(VDS = 0.25 V, VGS = 3.0 V)
(VDS = 0.25 V, VGS = 3.0 V, TJ = 85°C)
300
200
400
mA
gFS
Forward Transconductance
(VOUT = 5.0 V, IOUT = 0.25 A)
350
570
mmhos


Similar Part No. - NUD3105DMT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3105DMT1 ONSEMI-NUD3105DMT1 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3105DMT1 ONSEMI-NUD3105DMT1 Datasheet
152Kb / 8P
   Integrated Relay, Inductive Load Driver
October, 2009 ??Rev. 5
NUD3105DMT1G ONSEMI-NUD3105DMT1G Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3105DMT1G ONSEMI-NUD3105DMT1G Datasheet
152Kb / 8P
   Integrated Relay, Inductive Load Driver
October, 2009 ??Rev. 5
NUD3105DMT1G ONSEMI-NUD3105DMT1G Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results

Similar Description - NUD3105DMT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com