Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100301900002 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100301900002
Description  0.8 DRC-B. F 8mm. 32 polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100301900002 Datasheet(HTML) 1 Page - ERNI Electronics

  100301900002 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 2
Performance Level 2
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
0,1 mm
330
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 420 Stück
Verpackt im Gurt in Anlehnung an DIN IEC 60286-3
Packaging unit: 420 pcs
Abspulrichtung -
Reel off Direction
Ansaughaube
hood
12,8
-0,03
0,7
0,7 -0,03
14 ±0,03
13,3
15,4
17 ±0,1
b
Index
contact one of the ERNI companies
A3
Class
K
23.06.2016
DRCB
0,8 DRC-B, F 8mm, 32 pin
0,8 DRC-B, F 8mm, 32 polig
100301900002
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
5:1
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
0,9
4,2
4,7 ±0,1
ohne Ansaughaube -
without hood
a1
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
12
±0,03
15 x 0,8 =
0,15
0,55
1 -0,03
-0,03
1,35
0,8
14 ±0,03
1
0,8
a1
16
without hood
ohne Ansaughaube -
a1
a16
0,8
15 x 0,8 = 12


Similar Part No. - 100301900002

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100301920001 ERNI-100301920001 Datasheet
76Kb / 1P
   M 1,27 SRC A, 8-polig BA1
More results

Similar Description - 100301900002

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100101900002 ERNI-100101900002 Datasheet
91Kb / 1P
   0.8 DRC-B. F 8mm. 16 polig
100100760011 ERNI-100100760011 Datasheet
122Kb / 1P
   0,8 DRC-B, F 8mm, 32 polig
294028 ERNI-294028 Datasheet
95Kb / 1P
   0,8 DRC-B, F 8mm, 32 polig
100501220002 ERNI-100501220002 Datasheet
94Kb / 1P
   0.8 DRC-B, F, 8mm 16/8-polig
DC0007423 ERNI-DC0007423 Datasheet
89Kb / 1P
   0.8 DRC-Q, F 32 polig 0.8 DRC-Q, F 32 pin
294027 ERNI-294027 Datasheet
88Kb / 1P
   0,8 DRC-B, F 8mm, 26 polig
294024 ERNI-294024 Datasheet
76Kb / 1P
   0,8 DRC-B, F 8mm, 12 polig
294033 ERNI-294033 Datasheet
138Kb / 1P
   0,8 DRC-B, F 8mm, 100 polig
294031 ERNI-294031 Datasheet
119Kb / 1P
   0,8 DRC-B, F 8mm, 68 polig
294032 ERNI-294032 Datasheet
123Kb / 1P
   0,8 DRC-B, F 8mm, 80 polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com