Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1401691 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1401691
Description  Sensor/Actuator cable - SAC-8P- 5,0-PUR/FS SCO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1401691 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  1401691 Datasheet HTML 1Page - PHOENIX CONTACT 1401691 Datasheet HTML 2Page - PHOENIX CONTACT 1401691 Datasheet HTML 3Page - PHOENIX CONTACT 1401691 Datasheet HTML 4Page - PHOENIX CONTACT 1401691 Datasheet HTML 5Page - PHOENIX CONTACT 1401691 Datasheet HTML 6Page - PHOENIX CONTACT 1401691 Datasheet HTML 7Page - PHOENIX CONTACT 1401691 Datasheet HTML 8Page - PHOENIX CONTACT 1401691 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
https://www.phoenixcontact.com/us/products/1401691
08/01/2016   Page 7 / 9
Sensor/Actuator cable - SAC-8P- 5,0-PUR/FS SCO - 1401691
Accessories
Conductor marker carrier - PATG 4/15 - 1013054
Conductor marker carrier, transparent, unlabeled, Mounting type: slide on, Cable diameter: 6-10 mm, Lettering field: 4 x
15 mm
 
 
Marker pen
Marker pen - B-STIFT - 1051993
Marker pen, for manual labeling of unprinted Zack strips, smear-proof and waterproof, line thickness 0.5 mm
 
 
Protective cap
Screw plug - PROT-M12 MS-PA-CHAIN - 1430899
M12 sealing cap with fixing band, for sensor cables, for free M12 sockets
 
 
Safety locking
Locking clip - SAC-M12-EXCLIP-F - 1558991
Locking clip for the socket side of sensor/actuator cables with M12 connector and M12 connectors for assembly, for knurl
diameter: 15 mm or for Allen key with a wrench size of 14 mm, prevents the disconnection of plug-in connections without
tools
 
 
Screwdriver tools


Similar Part No. - 1401691

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
140162 ADELS-140162 Datasheet
119Kb / 2P
   AC 162 STS/ 2 black
30/12/2019
More results

Similar Description - 1401691

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407794 PHOENIX-1407794 Datasheet
141Kb / 9P
   Sensor/Actuator cable - SAC-8P- 5,0-PUR/FS SH SCO
1407789 PHOENIX-1407789 Datasheet
137Kb / 10P
   Sensor/Actuator cable - SAC-5P- 5,0-PUR/FS SH SCO
1522930 PHOENIX-1522930 Datasheet
167Kb / 12P
   Sensor/actuator cable - SAC-8P- 5,0-PUR/M12FR SH
09/11/2020
1522833 PHOENIX-1522833 Datasheet
167Kb / 12P
   Sensor/actuator cable - SAC-8P-M12MR/ 5,0-PUR SH
09/11/2020
1406105 PHOENIX-1406105 Datasheet
158Kb / 10P
   Sensor/actuator cable - SAC-8P- 2,0-542/ FS SCO BK
09/11/2020
1415009 PHOENIX-1415009 Datasheet
98Kb / 4P
   Sensor/Actuator cable - SAC-8P-M12MS/5,0-PUR/M12FS VA
1406095 PHOENIX-1406095 Datasheet
175Kb / 11P
   Sensor/actuator cable - SAC-8P-MR/ 1,5-542/ FS SCO BK
09/11/2020
1417912 PHOENIX-1417912 Datasheet
122Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/ 3,0-542/ FS SCO BK
1417914 PHOENIX-1417914 Datasheet
119Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/10,0-542/ FS SCO BK
1417915 PHOENIX-1417915 Datasheet
119Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/15,0-542/ FS SCO BK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com