Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1377DR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1377DR2G
Description  PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1377DR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1377DR2G Datasheet HTML 1Page - ON Semiconductor NCP1377DR2G Datasheet HTML 2Page - ON Semiconductor NCP1377DR2G Datasheet HTML 3Page - ON Semiconductor NCP1377DR2G Datasheet HTML 4Page - ON Semiconductor NCP1377DR2G Datasheet HTML 5Page - ON Semiconductor NCP1377DR2G Datasheet HTML 6Page - ON Semiconductor NCP1377DR2G Datasheet HTML 7Page - ON Semiconductor NCP1377DR2G Datasheet HTML 8Page - ON Semiconductor NCP1377DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCP1377, NCP1377B
http://onsemi.com
3
Figure 2. Internal Circuit Architecture
HV
VCC
GND
Demag
4 mA
To Internal
Supply
+
+
12.5 V
7.5 V
5.6 V (Fault)
Fault
Mngt.
PON
5 V
+
OVP
+
/1.44
4.5 us
Delay
1.5 us for B Version
Demag
8 us
Blanking
S
S
R R
Q
Q
+
3 us for
B Version
+
-
Overload?
5 us
Timeout
Time
Reset
Demag
380 ns
LEB
1 V
/3
200 mA
when DRV
is OFF
FB
4.2 V
Driver src = 20 sink = 10
Drv
VCC
CS
+
50 mV
10 V
Rint
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Power Supply or Drive Voltage
VCC, Drv
18
V
Transient Power Supply Voltage, Duration < 10 ms, IVCC < 20 mA
VCC Pulse
25
V
Maximum Voltage on all other pins except Pin 8 (HV), Pin 6 (VCC) and Pin 5 (Drv)
−0.3 to 10
V
Maximum Current into all pins except VCC (6), HV (8) and Demag (1) when 10 V ESD di-
odes are activated
5.0
mA
Maximum Current in Pin 1
Idem
+3.0/−2.0
mA
Thermal Resistance, Junction−to−Case
RqJC
57
°C/W
Thermal Resistance, Junction−to−Air, SOIC Version
RqJA
178
°C/W
Thermal Resistance, Junction−to−Air, PDIP Version
RqJA
100
°C/W
Maximum Junction Temperature
TJMAX
150
°C
Temperature Shutdown
155
°C
Hysteresis in Shutdown
30
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM Model (All pins except VCC and HV)
2.0
kV
ESD Capability, Machine Model
200
V
Maximum Voltage on Pin 8 (HV), Pin 6 (VCC) Decoupled to Ground with 10 mF
VHV
500
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - NCP1377DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1377DR2G ONSEMI-NCP1377DR2G Datasheet
302Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 7
NCP1377DR2G ONSEMI-NCP1377DR2G Datasheet
195Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
October, 2015 ??Rev. 13
More results

Similar Description - NCP1377DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207-D ONSEMI-NCP1207-D Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com