Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8888CPR1 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MT8888CPR1
Description  Integrated DTMF Transceiver with Intel Micro Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8888CPR1 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MT8888CPR1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT8888CPR1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8888CPR1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8888CPR1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8888CPR1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8888CPR1 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT8888CPR1 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT8888CPR1 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT8888CPR1 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MT8888C
Data Sheet
9
Zarlink Semiconductor Inc.
Figure 9 - Description of Timing Events
7.0
DTMF Generator
The DTMF transmitter employed in the MT8888C is capable of generating all sixteen standard DTMF tone pairs
with low distortion and high accuracy. All frequencies are derived from an external 3.579545 MHz crystal. The
sinusoidal waveforms for the individual tones are digitally synthesized using row and column programmable
dividers and switched capacitor D/A converters. The row and column tones are mixed and filtered providing a
DTMF signal with low total harmonic distortion and high accuracy. To specify a DTMF signal, data conforming to the
encoding format shown in Table 1 must be written to the transmit Data Register. Note that this is the same as the
receiver output code. The individual tones which are generated (fLOW and fHIGH) are referred to as Low Group and
High Group tones. As seen from the table, the low group frequencies are 697, 770, 852 and 94 Hz. The high group
frequencies are 1209, 1336, 1477 and 1633 Hz. Typically, the high group to low group amplitude ratio (twist) is 2 dB
to compensate for high group attenuation on long loops.
The period of each tone consists of 32 equal time segments. The period of a tone is controlled by varying the length
of these time segments. During write operations to the Transmit Data Register the 4 bit data on the bus is latched
and converted to 2 of 8 coding for use by the programmable divider circuitry. This code is used to specify a time
segment length, which will ultimately determine the frequency of the tone. When the divider reaches the appropriate
count, as determined by the input code, a reset pulse is issued and the counter starts again. The number of time
segments is fixed at 32, however, by varying the segment length as described above the frequency can also be
varied. The divider output clocks another counter, which addresses the sinewave lookup ROM.
EXPLANATION OF EVENTS
A)
TONE BURSTS DETECTED, TONE DURATION INVALID, RX DATA REGISTER NOT UPDATED.
B)
TONE #n DETECTED, TONE DURATION VALID, TONE DECODED AND LATCHED IN RX DATA REGISTER.
C)
END OF TONE #n DETECTED, TONE ABSENT DURATION VALID, INFORMATION IN RX DATA REGISTER
RETAINED UNTIL NEXT VALID TONE PAIR.
D)
TONE #n+1 DETECTED, TONE DURATION VALID, TONE DECODED AND LATCHED IN RX DATA REGISTER.
E)
ACCEPTABLE DROPOUT OF TONE #n+1, TONE ABSENT DURATION INVALID, DATA REMAINS UNCHANGED.
F)
END OF TONE #n+1 DETECTED, TONE ABSENT DURATION VALID, INFORMATION IN RX DATA REGISTER
RETAINED UNTIL NEXT VALID TONE PAIR.
EXPLANATION OF SYMBOLS
Vin
DTMF COMPOSITE INPUT SIGNAL.
ESt
EARLY STEERING OUTPUT. INDICATES DETECTION OF VALID TONE FREQUENCIES.
St/GT
STEERING INPUT/GUARD TIME OUTPUT. DRIVES EXTERNAL RC TIMING CIRCUIT.
RX0-RX3
4-BIT DECODED DATA IN RECEIVE DATA REGISTER
b3
DELAYED STEERING. INDICATES THAT VALID FREQUENCIES HAVE BEEN PRESENT/ABSENT FOR THE
REQUIRED GUARD TIME THUS CONSTITUTING A VALID SIGNAL. ACTIVE LOW FOR THE DURATION OF A
VALID DTMF SIGNAL.
b2
INDICATES THAT VALID DATA IS IN THE RECEIVE DATA REGISTER. THE BIT IS CLEARED AFTER THE STATUS
REGISTER IS READ.
IRQ/CP
INTERRUPT IS ACTIVE INDICATING THAT NEW DATA IS IN THE RX DATA REGISTER. THE INTERRUPT IS
CLEARED AFTER THE STATUS REGISTER IS READ.
tREC
MAXIMUM DTMF SIGNAL DURATION NOT DETECTED AS VALID.
tREC
MINIMUM DTMF SIGNAL DURATION REQUIRED FOR VALID RECOGNITION.
tID
MINIMUM TIME BETWEEN VALID SEQUENTIAL DTMF SIGNALS.
tDO
MAXIMUM ALLOWABLE DROPOUT DURING VALID DTMF SIGNAL.
tDP
TIME TO DETECT VALID FREQUENCIES PRESENT.
tDA
TIME TO DETECT VALID FREQUENCIES ABSENT.
tGTP
GUARD TIME, TONE PRESENT.
tGTA
GUARD TIME, TONE ABSENT.


Similar Part No. - MT8888CPR1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CC MITEL-MT8888CC Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CC-1 MITEL-MT8888CC-1 Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CE MITEL-MT8888CE Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
MT8888CE-1 MITEL-MT8888CE-1 Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
More results

Similar Description - MT8888CPR1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
logo
Mitel Networks Corporat...
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
   DTMF Transceiver
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
Clare, Inc.
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
   DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com