Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASPI-0403-150 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0403-150
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0403-150 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0403-150 Datasheet HTML 1Page - Abracon Corporation ASPI-0403-150 Datasheet HTML 2Page - Abracon Corporation ASPI-0403-150 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0403
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
332
0
3
n
a
Esper za, Rancho Santa Margarita, C lifornia
a
688
2
9
tel 949-546-8000| fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
| www.
Revised: 03.08.12
Visit
www.abracon.comfor Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
4.5 x 4.0 x 3.2mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
SMD Power Inductor
Abracon P/N:
ASPI-0403 Series
Operating Temperature:
Storage Temperature:
-40˚C to +85˚C
+5˚C to +40˚C
• Suitable for RoHS reflow profile
• High current rating and low DCR
• Special lead wire design to prevent open circuit failure
• Excellent terminal strength to mechanical stress
• OA equipments
• PC and notebook
• LCD TV set
• Power supply
PART NUMBER
INDUCTANCE (uH)
Tolerance
DCR (Ω) max
IDC (A) max
Inductance Code
ASPI-0403-1R0
1.0
M
0.0487
2.56
1R0
ASPI-0403-1R4
1.4
M
0.0562
2.52
1R4
ASPI-0403-1R8
1.8
M
0.0637
1.95
1R8
ASPI-0403-2R2
2.2
M
0.0712
1.75
2R2
ASPI-0403-2R7
2.7
M
0.0787
1.58
2R7
ASPI-0403-3R3
3.3
M
0.0862
1.44
3R3
ASPI-0403-3R9
3.9
M
0.0937
1.33
3R9
ASPI-0403-4R7
4.7
M
0.1087
1.15
4R7
ASPI-0403-5R6
5.6
M
0.1257
0.99
5R6
ASPI-0403-6R8
6.8
M
0.1312
0.95
6R8
ASPI-0403-8R2
8.2
M
0.1462
0.84
8R2
ASPI-0403-100
10
K
0.1820
1.04
100
ASPI-0403-120
12
K
0.2100
0.97
120
ASPI-0403-150
15
K
0.2350
0.85
150
ASPI-0403-180
18
K
0.3380
0.74
180
ASPI-0403-220
22
K
0.3780
0.68
220
ASPI-0403-270
27
K
0.5220
0.62
270
ASPI-0403-330
33
K
0.5400
0.56
330
ASPI-0403-390
39
K
0.5870
0.52
390
ASPI-0403-470
47
K
0.8440
0.44
470
ASPI-0403-560
56
K
0.9370
0.42
560
ASPI-0403-680
68
K
1.1170
0.37
680
Test Conditions
Inductance: Test Frequency is 7.96MHz (1.0μH ~ 8.2μH); 2.52MHz(10μH ~ 68μH)
Isat: ∆L/L (initial) ≥ -10% or ΔT=40°C (Ta=20°C), whichever is lower.
ASPI-0403-
-
Inductance Code
Please refer to the table above
Tolerance %
K: ± 10%
M: ± 20%
Packaging
T: Tape and Reel (1.5kpcs / reel)


Similar Part No. - ASPI-0403-150

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0403H ABRACON-ASPI-0403H Datasheet
3Mb / 3P
   High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0403H-100 ABRACON-ASPI-0403H-100 Datasheet
3Mb / 3P
   High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0403H-120 ABRACON-ASPI-0403H-120 Datasheet
3Mb / 3P
   High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0403H-150 ABRACON-ASPI-0403H-150 Datasheet
3Mb / 3P
   High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0403H-180 ABRACON-ASPI-0403H-180 Datasheet
3Mb / 3P
   High Current Unshielded, SMD Power Inductors
11.09.15
More results

Similar Description - ASPI-0403-150

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com