Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1210Y2PAGT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1210Y2PAGT
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210Y2PAGT Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSC1210Y2PAGT Datasheet HTML 4Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 5Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 6Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 7Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 8Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 9Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 10Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 11Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
8
AC ELECTRICAL CHARACTERISTICS(1)(2): DVDD = 2.7V to 5.25V
2.7V to 3.6V
4.75V to 5.25V
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
System Clock
External Crystal Frequency (fOSC)
1
18
1
33
MHz
1/tCLK(4)
4
External Clock Frequency (fOSC)
0
18
0
33
MHz
1/tCLK(4)
4
External Ceramic Resonator Frequency (fOSC)
1
16
1
16
MHz
Program Memory
tLHLL
1
ALE Pulse Width
1.5tCLK − 5
1.5tCLK − 5
ns
tAVLL
1
Address Valid to ALE LOW
0.5tCLK − 10
0.5tCLK − 7
ns
tLLAX
1
Address Hold After ALE LOW
0.5tCLK
0.5tCLK
ns
tLLIV
1
ALE LOW to Valid Instruction In
2.5tCLK − 35
2.5tCLK − 25
ns
tLLPL
1
ALE LOW to PSEN LOW
0.5tCLK
0.5tCLK
ns
tPLPH
1
PSEN Pulse Width
2tCLK − 5
2tCLK − 5
ns
tPLIV
1
PSEN LOW to Valid Instruction in
2tCLK − 40
2tCLK − 30
ns
tPXIX
1
Input Instruction Hold After PSEN
5
−5
ns
tPXIZ
1
Input Instruction Float After PSEN
tCLK − 5
tCLK
ns
tAVIV
1
Address to Valid Instruction In
3tCLK − 40
3tCLK − 25
ns
tPLAZ
1
PSEN LOW to Address Float
0
0
ns
Data Memory
tRLRH
2
RD Pulse Width (tMCS = 0)(5)
2tCLK − 5
2tCLK − 5
ns
tRLRH
2
RD Pulse Width (tMCS > 0)(5)
tMCS − 5
tMCS − 5
ns
tWLWH
3
WR Pulse Width (tMCS = 0)(5)
2tCLK − 5
2tCLK − 5
ns
tWLWH
3
WR Pulse Width (tMCS > 0)(5)
tMCS − 5
tMCS − 5
ns
tRLDV
2
RD LOW to Valid Data In (tMCS = 0)(5)
2tCLK − 40
2tCLK − 30
ns
tRLDV
2
RD LOW to Valid Data In (tMCS > 0)(5)
tMCS − 40
tMCS − 30
ns
tRHDX
2
Data Hold After Read
−5
−5
ns
tRHDZ
2
Data Float After Read (tMCS = 0)(5)
tCLK
tCLK
ns
tRHDZ
2
Data Float After Read (tMCS > 0)(5)
2tCLK
2tCLK
ns
tLLDV
2
ALE LOW to Valid Data In (tMCS = 0)(5)
2.5tCLK − 40
2.5tCLK − 25
ns
tLLDV
2
ALE LOW to Valid Data In (tMCS > 0)(5)
tCLK + tMCS − 40
tCLK + tMCS − 25
ns
tAVDV
2
Address to Valid Data In (tMCS = 0)(5)
3tCLK − 40
3tCLK − 25
ns
tAVDV
2
Address to Valid Data In (tMCS > 0)(5)
1.5tCLK + tMCS − 40
1.5tCLK + tMCS − 25
ns
tLLWL
2, 3
ALE LOW to RD or WR LOW (tMCS = 0)(5)
0.5tCLK − 5
0.5tCLK + 5
0.5tCLK − 5
0.5tCLK + 5
ns
tLLWL
2, 3
ALE LOW to RD or WR LOW (tMCS > 0)(5)
tCLK − 5
tCLK + 5
tCLK − 5
tCLK + 5
ns
tAVWL
2, 3
Address to RD or WR LOW (tMCS = 0)(5)
tCLK − 5
tCLK − 5
ns
tAVWL
2, 3
Address to RD or WR LOW (tMCS > 0)(5)
2tCLK − 5
2tCLK − 5
ns
tQVWX
3
Data Valid to WR Transition
−8
−5
ns
tWHQX
3
Data Hold After WR
tCLK − 8
tCLK − 5
ns
tRLAZ
2
RD LOW to Address Float
−0.5tCLK − 5
−0.5tCLK − 5
ns
tWHLH
2, 3
RD or WR HIGH to ALE HIGH (tMCS = 0)(5)
−5
5
−5
5
ns
tWHLH
2, 3
RD or WR HIGH to ALE HIGH (tMCS > 0)(5)
tCLK − 5
tCLK + 5
tCLK − 5
tCLK + 5
ns
External Clock
tHIGH
4
HIGH Time(3)
15
10
ns
tLOW
4
LOW Time(3)
15
10
ns
tR
4
Rise Time(3)
5
5
ns
tF
4
Fall Time(3)
5
5
ns
(1) Parameters are valid over operating temperature range, unless otherwise specified.
(2) Load capacitance for Port 0, ALE, and PSEN = 100pF; load capacitance for all other outputs = 80pF.
(3) These values are characterized but not 100% production tested.
(4) tCLK = 1/fosc = one oscillator clock period.
(5) tMCS is a time period related to the Stretch MOVX selection. The following table shows the value of tMCS for each stretch selection:
MD2
MD1
MD0
MOVX DURATION
tMCS
0
0
0
2 Machine Cycles
0
0
0
1
3 Machine Cycles (default)
4tCLK
0
1
0
4 Machine Cycles
8tCLK
0
1
1
5 Machine Cycles
12tCLK
1
0
0
6 Machine Cycles
16tCLK
1
0
1
7 Machine Cycles
20tCLK
1
1
0
8 Machine Cycles
24tCLK
1
1
1
9 Machine Cycles
28tCLK


Similar Part No. - MSC1210Y2PAGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210Y2PAGT TI1-MSC1210Y2PAGT Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1210Y2PAGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
SINOWEALTH Electronic L...
SH88F516 SINOWEALTH-SH88F516 Datasheet
1Mb / 105P
   8051 Microcontroller with 10bit ADC
V2.5
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com