Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1210Y2PAGT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1210Y2PAGT
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210Y2PAGT Datasheet(HTML) 5 Page - Texas Instruments

  MSC1210Y2PAGT Datasheet HTML 1Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 2Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 3Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 4Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 5Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 6Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 7Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 8Page - Texas Instruments MSC1210Y2PAGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS: AVDD = 3V
All specifications from TMIN to TMAX, DVDD = +2.7V to 5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, Bipolar, and VREF = (REF IN+) − (REF IN−) =
+1.25V, unless otherwise noted.
MSC1210Yx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN0-AIN7, AINCOM)
Analog Input Range
Buffer OFF
AGND − 0.1
AVDD + 0.1
V
Analog Input Range
Buffer ON
AGND + 50mV
AVDD − 1.5
V
Full-Scale Input Voltage Range
(In+) − (In−)
±VREF/PGA
V
Differential Input Impedance
Buffer OFF
7/PGA(5)
M
Input Current
Buffer ON
0.5
nA
Fast Settling Filter
−3dB
0.469
• fDATA
Bandwidth
Sinc2 Filter
−3dB
0.318
• fDATA
Bandwidth
Sinc3 Filter
−3dB
0.262
• fDATA
Programmable Gain Amplifier
User-Selectable Gain Range
1
128
Input Capacitance
9
pF
Input Leakage Current
Modulator OFF, T = +25
°C
0.5
pA
Burnout Current Sources
Sensor Input Open Circuit
±2
µA
OFFSET DAC
Offset DAC Range
±VREF/(2•PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±1.5
% of Range
Offset DAC Gain Error Drift
1
ppm/
°C
SYSTEM PERFORMANCE
Resolution
24
Bits
ENOB
22
Bits
Output Noise
See Typical Characteristics
No Missing Codes
Sinc3 Filter
24
Bits
Integral Nonlinearity
End Point Fit, Differential Input
±0.0015
% of FSR
Offset Error
After Calibration
7.5
ppm of FS
Offset Drift(1)
Before Calibration
0.02
ppm of FS/
°C
Gain Error(2)
After Calibration
0.005
%
Gain Error Drift(1)
Before Calibration
1.0
ppm/
°C
System Gain Calibration Range
80
120
% of FS
System Offset Calibration Range
−50
50
% of FS
At DC
100
115
dB
ADC Common-Mode Rejection
fCM = 60Hz, fDATA = 10Hz
130
dB
ADC Common-Mode Rejection
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal-Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
Normal-Mode Rejection
fSIG = 60Hz, fDATA = 60Hz
100
dB
Power-Supply Rejection
At DC, dB = −20log(
∆VOUT/∆VDD)(3)
85
dB
(1)
Calibration can minimize these errors.
(2)
The gain calibration cannot have a REF IN+ of more than
AVDD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF.
(3)
VOUT is change in digital result.
(4)
9pF switched capacitor at
fSAMP clock frequency (see Figure 13).
(5)
The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7M
Ω/64).


Similar Part No. - MSC1210Y2PAGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210Y2PAGT TI1-MSC1210Y2PAGT Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1210Y2PAGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
SINOWEALTH Electronic L...
SH88F516 SINOWEALTH-SH88F516 Datasheet
1Mb / 105P
   8051 Microcontroller with 10bit ADC
V2.5
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com