Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5S19100HD Datasheet(PDF) 7 Page - Motorola, Inc

Part # MRF5S19100HD
Description  The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF5S19100HD Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MRF5S19100HD Datasheet HTML 3Page - Motorola, Inc MRF5S19100HD Datasheet HTML 4Page - Motorola, Inc MRF5S19100HD Datasheet HTML 5Page - Motorola, Inc MRF5S19100HD Datasheet HTML 6Page - Motorola, Inc MRF5S19100HD Datasheet HTML 7Page - Motorola, Inc MRF5S19100HD Datasheet HTML 8Page - Motorola, Inc MRF5S19100HD Datasheet HTML 9Page - Motorola, Inc MRF5S19100HD Datasheet HTML 10Page - Motorola, Inc MRF5S19100HD Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
MRF5S19100HR3 MRF5S19100HSR3
MOTOROLA RF DEVICE DATA
VDD = 28 Vdc, IDQ = 1000 mA, Pout = 22 W Avg.
Figure 11. Series Equivalent Input and Output Impedance
f = 1930 MHz
f = 1990 MHz
Zo = 10 Ω
f = 1930 MHz
f = 1990 MHz
f
MHz
Zsource
Zload
1930
1960
1990
4.45 - j5.32
5.12 - j5.45
4.53 - j5.40
1.98 - j2.58
1.83 - j2.55
1.60 - j2.15
Zload*
Zsource
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF5S19100HD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S19100HR3 FREESCALE-MRF5S19100HR3 Datasheet
580Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19100HSR3 FREESCALE-MRF5S19100HSR3 Datasheet
580Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF5S19100HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BR3 MOTOROLA-MRF18030BR3 Datasheet
275Kb / 8P
   THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
MRF5S21100LR3 MOTOROLA-MRF5S21100LR3 Datasheet
564Kb / 12P
   The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
MRF1517T1 MOTOROLA-MRF1517T1 Datasheet
345Kb / 16P
   The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
MRF5S21130 MOTOROLA-MRF5S21130 Datasheet
404Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF18085A MOTOROLA-MRF18085A Datasheet
409Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
   The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
620Kb / 12P
   The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9030MR1 MOTOROLA-MRF9030MR1 Datasheet
452Kb / 12P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com