Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8248ZQ Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC8248ZQ
Description  MPC8272 PowerQUICC II Family Hardware Specifications
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248ZQ Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC8248ZQ Datasheet HTML 5Page - Motorola, Inc MPC8248ZQ Datasheet HTML 6Page - Motorola, Inc MPC8248ZQ Datasheet HTML 7Page - Motorola, Inc MPC8248ZQ Datasheet HTML 8Page - Motorola, Inc MPC8248ZQ Datasheet HTML 9Page - Motorola, Inc MPC8248ZQ Datasheet HTML 10Page - Motorola, Inc MPC8248ZQ Datasheet HTML 11Page - Motorola, Inc MPC8248ZQ Datasheet HTML 12Page - Motorola, Inc MPC8248ZQ Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
MOTOROLA
MPC8272 PowerQUICC II™ Family Hardware Specifications
9
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
DC Electrical Characteristics
IOL = 6.0mA
BR
BG/IRQ6
ABB/IRQ2
TS
A[0-31]
TT[0-4]
TBST
TSIZE[0–3]
AACK
ARTRY
DBG/IRQ7
DBB/IRQ3
D[0-63]
IRQ3/CKSTP_OUT/EXT_BR3
IRQ4/CORE_SRESET/EXT_BG3
IRQ5/TBEN/EXT_DBG3/CINT
PSDVAL
TA
TEA
GBL/IRQ1
CI/BADDR29/IRQ2
WT/BADDR30/IRQ3
BADDR31/IRQ5/CINT
CPU_BR/INT_OUT
IRQ0/NMI_OUT
PORESET/PCI_RST
HRESET
SRESET
RSTCONF
VOL
0.4
V
Table 5. DC Electrical Characteristics 1 (continued)
Characteristic
Symbol
Min
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC8248ZQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8248ZQ FREESCALE-MPC8248ZQ Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8248ZQB FREESCALE-MPC8248ZQB Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248ZQE FREESCALE-MPC8248ZQE Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248ZQI FREESCALE-MPC8248ZQI Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248ZQM FREESCALE-MPC8248ZQM Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
More results

Similar Description - MPC8248ZQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8247CVRTIEA FREESCALE-MPC8247CVRTIEA Datasheet
400Kb / 61P
   MPC8272 PowerQUICC II Family Hardware Specifications
MPC8247ZQTIEA FREESCALE-MPC8247ZQTIEA Datasheet
400Kb / 61P
   MPC8272 PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
Freescale Semiconductor...
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com