Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN022 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AN022
Description  High Side Driver for Buck Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN022 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AN022 Datasheet HTML 1Page - Analog Intergrations Corporation AN022 Datasheet HTML 2Page - Analog Intergrations Corporation AN022 Datasheet HTML 3Page - Analog Intergrations Corporation AN022 Datasheet HTML 4Page - Analog Intergrations Corporation AN022 Datasheet HTML 5Page - Analog Intergrations Corporation AN022 Datasheet HTML 6Page - Analog Intergrations Corporation AN022 Datasheet HTML 7Page - Analog Intergrations Corporation AN022 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN022
4
l Driven N-channel function
V1
5V
R13
2K
Q3
2N2222
R2
2K
Q1
2N2222
Q5
2N2907
C5
100
µF
R10
2K
Vc
+10V
Q2
2N2222
R1
2K
R12
9.1K
R3
2K
0V
10V
Fig. 7
Fast Driven N-MOSFET Circuit
Fig. 8
Driven N-channel Signal
Upper: 5V-Driving Signal
Lower: 10V-Driving Signal
Such as Fig. 7, this driven N-channel function is
composed of three NPN transistors, one PNP
transistor and six resistors. The configuration of the
function block consists of two inverters and one
push-pull. The output from the driven circuit, which
has an input of 1MHZ, can produce a perfect square
signal of 1MHZ. As Fig. 8, the 5V-driving signal will
push to 10V-driving signal, which drives N-MOSFET
Q4 working properly.
3. AIC1630A for LDO application
1. Input voltage of LDO is provided by the output
voltage of buck converter. It can resolve some LDO
problems, such as: high dropout voltage and high
power consumption. Therefore, the advantage of
LDO is to provide a fast transient response, which is
what switch converter can not offer. Fig. 4 illustrates
that the base current of U5 is controlled by R8 and
R9 turns U5 off when LBO floats. Note that, at a light
load, R8 and R9 have an effect on efficiency as well
as the maximum available output current. And lower
R8 and R9 may drive higher output current, but
cause AIC1630A N-MOSFET circuit to draw higher
level of quiescent current.
Component selection
The section is divided into two parts. The first part
talks about the calculation and selection of the circuit
components on buck converter. And the second part
introduces an LDO application.
All of the following calculations are effective when
switch
converter
is
operated
in
a
continuous-conduction mode.
(1) Switch converter application
The duty cycle is calculated as:
F
Q
)
MIN
(
IN
F
OUT
)
MAX
(
ON
)
MAX
(
V
V
V
V
V
T
T
DUTY
+
+
=
=
Where
VF: sckottky diode forward voltage
VQ: series pass element (MOSFET) switch on
voltage (VQ= IQ× RDS(ON) )


Similar Part No. - AN022

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN020 AIC-AN020 Datasheet
292Kb / 7P
   SEPIC Circuit
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
AN023 AIC-AN023 Datasheet
201Kb / 6P
   An Useful Model for Charge Pump Converter
AN024 AIC-AN024 Datasheet
285Kb / 7P
   For LCD Motherboard Power Supply Using AIC1563
AN025 AIC-AN025 Datasheet
272Kb / 6P
   Analysis of LDO oscillation issues
More results

Similar Description - AN022

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Renesas Technology Corp
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Richtek Technology Corp...
RT8402 RICHTEK-RT8402 Datasheet
554Kb / 13P
   Phase-Cut Dimmable High Side Buck LED Driver
logo
Renesas Technology Corp
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com