Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMFT107T1D Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMFT107T1D
Description  Power MOSFET 250 mA, 200 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMFT107T1D Datasheet(HTML) 5 Page - ON Semiconductor

  MMFT107T1D Datasheet HTML 1Page - ON Semiconductor MMFT107T1D Datasheet HTML 2Page - ON Semiconductor MMFT107T1D Datasheet HTML 3Page - ON Semiconductor MMFT107T1D Datasheet HTML 4Page - ON Semiconductor MMFT107T1D Datasheet HTML 5Page - ON Semiconductor MMFT107T1D Datasheet HTML 6Page - ON Semiconductor MMFT107T1D Datasheet HTML 7Page - ON Semiconductor MMFT107T1D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MMFT107T1
http://onsemi.com
5
0.8 Watts
1.25 Watts*
1.5 Watts
A, Area (square inches)
0.0
0.2
0.4
0.6
0.8
1.0
160
140
120
100
80
Figure 9. Thermal Resistance versus Collector
Pad Area for the SOT-223 Package (Typical)
Board Material = 0.0625″
G10/FR4, 2 oz Copper
TA = 25°C
*Mounted on the DPAK footprint
°
Another alternative would be to use a ceramic substrate
or an aluminum core board such as Thermal Clad
t. Using
a board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed
circuit board, solder paste must be applied to the pads. A
solder stencil is required to screen the optimum amount of
solder paste onto the footprint. The stencil is made of brass
or stainless steel with a typical thickness of 0.008 inches.
The stencil opening size for the SOT-223 package should
be the same as the pad size on the printed circuit board, i.e.,
a 1:1 registration.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within
a short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
• Always preheat the device.
• The delta temperature between the preheat and
soldering should be 100
°C or less.*
• When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering
method, the difference should be a maximum of 10
°C.
• The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
• When shifting from preheating to soldering, the
maximum temperature gradient should be 5
°C or less.
• After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and
result in latent failure due to mechanical stress.
• Mechanical stress or shock should not be applied
during cooling
* Soldering a device without preheating can cause
excessive thermal shock and stress which can result in
damage to the device.


Similar Part No. - MMFT107T1D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
   MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
More results

Similar Description - MMFT107T1D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
   MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
logo
ON Semiconductor
BS107 ONSEMI-BS107_07 Datasheet
71Kb / 4P
   Small Signal MOSFET 250 mAmps, 200 Volts
October, 2007 - Rev. 5
BS107 ONSEMI-BS107 Datasheet
52Kb / 8P
   Small Signal MOSFET 250 mAmps, 200 Volts
November, 2000 ??Rev. 2
BS107 ONSEMI-BS107_04 Datasheet
56Kb / 6P
   Small Signal MOSFET 250 mAmps, 200 Volts
December, 2004 ??Rev. 4
logo
Solid States Devices, I...
SHM15FSMS SSDI-SHM15FSMS Datasheet
236Kb / 2P
   50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER
SHM15F SSDI-SHM15F Datasheet
225Kb / 2P
   50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
logo
Motorola, Inc
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
   16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
logo
ON Semiconductor
BS108 ONSEMI-BS108_11 Datasheet
97Kb / 3P
   Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
April, 2011 ??Rev. 4
BS108 ONSEMI-BS108 Datasheet
50Kb / 3P
   Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
February, 2006 ??Rev. 2
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
79Kb / 6P
   Power MOSFET 200 mA, 50 V
June, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com