Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2201537 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2201537
Description  Electronic housing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201537 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2201537 Datasheet HTML 1Page - PHOENIX CONTACT 2201537 Datasheet HTML 2Page - PHOENIX CONTACT 2201537 Datasheet HTML 3Page - PHOENIX CONTACT 2201537 Datasheet HTML 4Page - PHOENIX CONTACT 2201537 Datasheet HTML 5Page - PHOENIX CONTACT 2201537 Datasheet HTML 6Page - PHOENIX CONTACT 2201537 Datasheet HTML 7Page - PHOENIX CONTACT 2201537 Datasheet HTML 8Page - PHOENIX CONTACT 2201537 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
https://www.phoenixcontact.com/us/products/2201537
08/29/2016   Page 2 / 9
Electronic housing - ME MAX 17,5 G 3-U1 KMGY - 2201537
Technical data
Dimensions
Width
17.5 mm
Technical data
Flammability rating according to UL 94
V0
Power dissipation without gap
4.9 W
Power dissipation with 20 mm gap
8.9 W
Number of positions
9
Standards and Regulations
Flammability rating according to UL 94
V0
Classifications
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506
eCl@ss 5.1
27180506
eCl@ss 6.0
27180802
eCl@ss 7.0
27182702
eCl@ss 8.0
27182702
eCl@ss 9.0
27182702
ETIM
ETIM 3.0
EC001031
ETIM 4.0
EC001031
ETIM 5.0
EC001031
UNSPSC
UNSPSC 6.01
31261501
UNSPSC 7.0901
31261501
UNSPSC 11
31261501
UNSPSC 12.01
31261501
UNSPSC 13.2
31261501
Approvals
Approvals


Similar Part No. - 2201537

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201500 PHOENIX-2201500 Datasheet
1Mb / 30P
   Multifunctional housing for complex electronics
2013-04-08
2201502 PHOENIX-2201502 Datasheet
1Mb / 30P
   Multifunctional housing for complex electronics
2013-04-08
2201503 PHOENIX-2201503 Datasheet
1Mb / 30P
   Multifunctional housing for complex electronics
2013-04-08
2201505 PHOENIX-2201505 Datasheet
1Mb / 30P
   Multifunctional housing for complex electronics
2013-04-08
2201508 PHOENIX-2201508 Datasheet
1Mb / 30P
   Multifunctional housing for complex electronics
2013-04-08
More results

Similar Description - 2201537

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200246 PHOENIX-2200246 Datasheet
48Kb / 3P
   Electronic housing
2200596 PHOENIX-2200596 Datasheet
102Kb / 8P
   Electronic housing
2200245 PHOENIX-2200245 Datasheet
46Kb / 2P
   Electronic housing
2200713 PHOENIX-2200713 Datasheet
52Kb / 3P
   Electronic housing
2890603 PHOENIX-2890603 Datasheet
60Kb / 2P
   Electronic housing
2201759 PHOENIX-2201759 Datasheet
43Kb / 2P
   Components of electronic housing
2941510 PHOENIX-2941510 Datasheet
48Kb / 1P
   Electronic housing - EMG-KA
11/05/2018
2906908 PHOENIX-2906908 Datasheet
64Kb / 3P
   Electronic housing - ME LP
2946010 PHOENIX-2946010 Datasheet
58Kb / 2P
   Electronic housing - P 1-EMG125
2947381 PHOENIX-2947381 Datasheet
308Kb / 5P
   Electronic housing - EMG 75-B14
11/25/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com