Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2200713 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2200713
Description  Electronic housing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200713 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2200713 Datasheet HTML 1Page - PHOENIX CONTACT 2200713 Datasheet HTML 2Page - PHOENIX CONTACT 2200713 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/2200713
08/29/2016   Page 1 / 3
Electronic housing - ME 12,5 OT-MKDSO KMGY - 2200713
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Component housing, Upper part, Color: light gray, Width: 12.5 mm, Constructional height: 38.5 mm
Why buy this product
 Item is from the ME product range
 Tool-free mounting
 Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
 Inflammability class V0 according to UL 94
 Variety of connection technologies
 Can be mounted on the DIN rail
 Optional bus connector that is either integrated or mounted on the DIN rail
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
250 STK
Weight per Piece (excluding packing)
10.000 g
Custom tariff number
85472000
Country of origin
Germany
Technical data
Standards and Regulations
Flammability rating according to UL 94
V0
Classifications
eCl@ss
eCl@ss 4.0
27180401
eCl@ss 4.1
27180401
eCl@ss 5.0
27180506
eCl@ss 5.1
27141190


Similar Part No. - 2200713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200739 PHOENIX-2200739 Datasheet
53Kb / 2P
   Optional bus connector that is either integrated or mounted on the DIN rail
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
   Electronic housing - ME 22,5 UT BUS/102 KMGY
2200789 PHOENIX-2200789 Datasheet
618Kb / 21P
   Series EH...F electronics housings
2015-03-05
More results

Similar Description - 2200713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200246 PHOENIX-2200246 Datasheet
48Kb / 3P
   Electronic housing
2201537 PHOENIX-2201537 Datasheet
108Kb / 9P
   Electronic housing
2200596 PHOENIX-2200596 Datasheet
102Kb / 8P
   Electronic housing
2200245 PHOENIX-2200245 Datasheet
46Kb / 2P
   Electronic housing
2890603 PHOENIX-2890603 Datasheet
60Kb / 2P
   Electronic housing
2201759 PHOENIX-2201759 Datasheet
43Kb / 2P
   Components of electronic housing
2941510 PHOENIX-2941510 Datasheet
48Kb / 1P
   Electronic housing - EMG-KA
11/05/2018
2906908 PHOENIX-2906908 Datasheet
64Kb / 3P
   Electronic housing - ME LP
2946010 PHOENIX-2946010 Datasheet
58Kb / 2P
   Electronic housing - P 1-EMG125
2947381 PHOENIX-2947381 Datasheet
308Kb / 5P
   Electronic housing - EMG 75-B14
11/25/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com