Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5256-2.85BD5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5256-2.85BD5
Description  150mA UCap LDO with Error Flag
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5256-2.85BD5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5256-2.85BD5 Datasheet HTML 1Page - Micrel Semiconductor MIC5256-2.85BD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5256-2.85BD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5256-2.85BD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5256-2.85BD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5256-2.85BD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5256-2.85BD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5256-2.85BD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5256-2.85BD5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MIC5256
Micrel
June 2003
3
MIC5256
Electrical Characteristics
V
IN = VOUT + 1V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
I
OUT = 100µA
–1+1
%
–2+2
%
∆V
LNR
Line Regulation
V
IN = VOUT + 1V to 6V
0.02
0.05
%/V
∆V
LDR
Load Regulation
I
OUT = 0.1mA to 150mA, Note 5
1.5
2.5
%
V
IN – VOUT
Dropout Voltage, Note 6
I
OUT = 100µA
0.1
5.0
mV
I
OUT = 100mA
90
150
mV
I
OUT = 150mA
135
200
mV
250
mV
I
Q
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.2
1
µA
I
GND
Ground Pin Current, Note 7
I
OUT = 0mA
90
150
µA
I
OUT = 150mA
117
µA
PSRR
Power Supply Rejection
f = 10Hz, V
IN = VOUT + 1V; COUT = 1µF60
dB
f = 100Hz, V
IN = VOUT + 0.5V; COUT = 1µF60
dB
f = 10kHz, V
IN = VOUT + 0.5V
45
dB
I
LIM
Current Limit
V
OUT = 0V
160
425
mA
e
n
Output Voltage Noise
tbd
µV(rms)
Enable Input
V
IL
Enable Input Logic-Low Voltage
V
IN = 2.7V to 5.5V, regulator shutdown
0.4
V
V
IH
Enable Input Logic-High Voltage
V
IN = 2.7V to 5.5V, regulator enabled
1.6
V
I
EN
Enable Input Current
V
IL ≤ 0.4V, regulator shutdown
0.01
µA
V
IH ≥ 1.6V, regulator enabled
0.01
µA
Shutdown Resistance Discharge
500
Error Flag
V
FLG
Low Threshold
% of V
OUT (Flag ON)
90
%
High Threshold
% of V
OUT (Flag OFF)
96
%
V
OL
Output Logic-Low Voltage
I
L = 100µA, fault condition
0.02
0.1
V
I
FL
Flag Leakage Current
flag off, V
FLG = 6V
0.01
µA
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
The maximum allowable power dissipation of any T
A (ambient temperature) is PD(max) = TJ(max)–TAJA. Exceeding the maximum allowable
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (V
IN) .................................. 0V to +7V
Enable Input Voltage (V
EN) ................................. 0V to +7V
Power Dissipation (P
D) ............... Internally Limited, Note 3
Junction Temperature (T
J) ....................... –40°C to +125°C
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD, Note 4 .................................................................. 2kV
Operating Ratings (Note 2)
Input Voltage (V
IN) ......................................... +2.7V to +6V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance
SOT-23
JA) ..................................................... 235°C/W


Similar Part No. - MIC5256-2.85BD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5256-2.85BD5 MICREL-MIC5256-2.85BD5 Datasheet
566Kb / 13P
   150mA 關Cap LDO with Error Flag
More results

Similar Description - MIC5256-2.85BD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5256 MICREL-MIC5256_10 Datasheet
566Kb / 13P
   150mA 關Cap LDO with Error Flag
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
   Dual 150mA 關Cap LDO with Error Flag Outputs
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com